Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KS Datasheet(PDF) 39 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KS
Description  INTELLIGENT LCD MODULE
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KS Datasheet(HTML) 39 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KS Datasheet HTML 35Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 36Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 37Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 38Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 39Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 40Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 41Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 42Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 43Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KS LCD Module (Hardware v2.0 / Firmware s2v1)
February 2012
Page 39
type: 0x02 = 210
valid data_length is 16
data[] = 16 bytes of arbitrary user data to be stored in
the CFA633's non-volatile memory
The return packet will be:
type: 0x40 | 0x02 = 0x42 = 6610
data_length = 0
3 (0x03): Read User Flash Area
This command will read the User Flash Area and return the data to the host.
type: 0x03 = 310
valid data_length is 0
The return packet will be:
type: 0x40 | 0x03 = 0x43 = 6710
data_length = 16
data[] = 16 bytes user data recalled from the CFA633's
non-volatile memory
4 (0x04): Store Current State As Boot State
The CFA633 loads its power-up configuration from nonvolatile memory when power is applied. The CFA633 is
configured at the factory to display a “welcome” screen when power is applied. This command can be used to customize
the “welcome” screen, as well as the following items:
Characters shown on LCD, which are affected by:
command 6 (0x06): Clear LCD Screen (Pg. 42).
command 7 (0x07): Set LCD Contents, Line 1 (Pg. 42).
command 8 (0x08): Set LCD Contents, Line 2 (Pg. 43).
command 31 (0x1F): Send Data to LCD (Pg. 58).
Special character font definitions (command 9 (0x09): Set LCD Special Character Data (Pg. 43)).
Cursor position (command 11 (0x0B): Set LCD Cursor Position (Pg. 44)).
Cursor style (command 12 (0x0C): Set LCD Cursor Style (Pg. 44)).
Contrast setting (command 13 (0x0D): Set LCD Contrast (Pg. 44)).
Backlight setting (command 14 (0x0E): Set LCD & Keypad Backlight (Pg. 45)).
Fan power settings (command 17 (0x11): Set Fan Power (Pg. 45)).
Settings of any “live” displays (command 21 (0x15): Set Up Live Fan or Temperature Display (Pg. 49)).
Key press and release masks (command 23 (0x17): Configure Key Reporting (Pg. 50)).
Fan glitch delay settings (command 26 (0x1A): Set Fan Tachometer Glitch Filter (Pg. 52)).
ATX function enable and pulse length settings (command 28 (0x1C): Set ATX Power Switch
Functionality (Pg. 54)).
Baud rate (command 33 (0x21): Set Baud Rate (Pg. 58)).
GPIO settings (command 34 (0x22): Set or Set and Configure GPIO Pins (Pg. 58)).
You cannot store the fan or temperature reporting (although the live display of fans or temperatures can be
saved). You cannot store the fan fail-safe or host watchdog.The host software should enable these items once the
system is initialized and it is ready to receive the data.
type: 0x04 = 410
valid data_length is 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com