Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KS Datasheet(PDF) 55 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KS
Description  INTELLIGENT LCD MODULE
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KS Datasheet(HTML) 55 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KS Datasheet HTML 51Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 52Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 53Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 54Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 55Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 56Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 57Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 58Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 59Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 88 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KS LCD Module (Hardware v2.0 / Firmware s2v1)
February 2012
Page 55
FOUR FUNCTIONS MAY BE ENABLED BY COMMAND 28
Function 1: KEYPAD_RESET
If POWER-ON SENSE (GPIO[1]) is high, holding the green check key for 4 seconds will pulse RESET (GPIO[3]) pin for
1 second. During the 1-second pulse, the CFA633 will show "RESET", and then the CFA633 will reset itself, showing its
boot state as if it had just powered on. Once the pulse has finished, the CFA633 will not respond to any commands until
after it has reset the host and itself.
Function 2: KEYPAD_POWER_ON
If POWER-ON SENSE (GPIO[1]) is low, pressing the green check key for 0.25 seconds will pulse POWER CONTROL
(GPIO[2]) for the duration specified by in data[1] or the default of 1 second. During this time the CFA633 will show
"POWER ON", then the CFA633 will reset itself.
Function 3: KEYPAD_POWER_OFF
If POWER-ON SENSE (GPIO[1]) is high, holding the red X key for 4 seconds will pulse POWER CONTROL (GPIO[2])
for the duration specified by in data[1] or the default of 1 second. If the user continues to hold the power key down, then
the CFA633 will continue to drive the line for a maximum of 5 additional seconds. During this time the CFA633 will show
"POWER OFF".
Function 4: LCD_OFF_IF_HOST_IS_OFF
If LCD_OFF_IF_HOST_IS_OFF is set, the CFA633 will blank its screen and turn off its backlight to simulate its power
being off any time POWER-ON SENSE is low.
NOTE
By default there is an internal POWER-ON-SENSE connected to the +5v pin of J_PWR, selected by
setting data[2] to 1. Alternatively, GPIO[1] may be configured to act as POWER-ON-SENSE through
R21 of 5K, and specifying data[2] as 0. The CFA633 will still be active (since it is powered by VSB,
standby power which is always-on), monitoring the keypad for a power-on keystroke. Once POWER-
ON SENSE goes high, the CFA633 will reboot as if power had just been applied to it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com