Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KS Datasheet(PDF) 41 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KS
Description  INTELLIGENT LCD MODULE
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KS Datasheet(HTML) 41 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KS Datasheet HTML 37Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 38Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 39Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 40Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 41Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 42Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 43Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 44Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 45Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KS LCD Module (Hardware v2.0 / Firmware s2v1)
February 2012
Page 41
To reset the host, assuming the host's reset line is connected to GPIO[3] as described in command 28 (0x1C): Set ATX
Power Switch Functionality (Pg. 54), send the following packet:
type: 0x05 = 510
valid data_length is 3
data[0] = 12
data[1] = 28
data[2] = 97
To turn the host's power off, assuming the host's power control line is connected to GPIO[2] as described in command
28 (0x1C): Set ATX Power Switch Functionality (Pg. 54), send the following packet:
type: 0x05 = 510
valid data_length is 3
data[0] = 3
data[1] = 11
data[2] = 95
NOTE
The reboot command may take up to 3 seconds to return its acknowledge packet.
At bootup, there is up to a 500ms (1/2 second) delay between turning on fans. By default, all four fans
are set to “on” at 100%. If you are not using a fan, set power to 0% (command 17 (0x11): Set Fan Power)
and save this setting as the default boot state (command 4 (0x04): Store Current State As Boot State).
This will reduce the boot time.
If only one fan is on, there is no additional delay. If two fans are on, there is up to an additional 500ms
delay. If three fans are on, there is a up to an additional 1,000ms delay. If all four fans are on, there is
up to an additional 1,500ms delay.
NOTE
The CFA633 will return the acknowledge packet immediately, then reset the host. After resetting the host
(~1.5 seconds), the module will reboot itself. The module will not respond to new command packets for up
to 3 seconds (~4.5 seconds overall) after its reboot. Part of this delay is the intentional staggered
sequencing of turning on power to the fans. If you are not using fans, you can speed the boot process by
setting the fan power to 0 (command 17 (0x11): Set Fan Power and saving this as the default boot state
(command 4 (0x04): Store Current State As Boot State). Normally, the host will be recovering from its own
reset, so the boot delay of the module will not be of consequence.
# of Fans
Powered On
Expected Boot
Time
0 to 1
300ms - 500ms
2
800ms - 1,000ms
31.3s - 1.5s
41.8s - 2.0s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com