Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFA633-RDI-KS Datasheet(PDF) 61 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KS
Description  INTELLIGENT LCD MODULE
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KS Datasheet(HTML) 61 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KS Datasheet HTML 57Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 58Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 59Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 60Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 61Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 62Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 63Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 64Page - Crystalfontz America, Inc. CFA633-RDI-KS Datasheet HTML 65Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 88 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KS LCD Module (Hardware v2.0 / Firmware s2v1)
February 2012
Page 61
returns:
data[0] = index of GPIO read
data[1] = Pin state & changes since last poll
---- -RFS Enable Reporting of this Fan’s Tach Input
|||| ||||-- S = state at the last reading
|||| |||--- F = at least one falling edge has
|||| ||
been detected since the last poll
|||| ||---- R = at least one rising edge has
|||| |
been detected since the last poll
|||| |----- reserved
(This reading is the actual pin state, which may
or may not agree with the pin setting, depending
on drive mode and the load presented by external
circuitry. The pins are polled at approximately
32 Hz asynchronously with respect to this command.
Transients that happen between polls will not be
detected.)
data[2] = Requested Pin level/PWM level
0-100: Output duty cycle percentage
(This value is the requested PWM duty cycle. The
actual pin may or may not be toggling in agreement
with this value, depending on the drive mode and
the load presented by external circuitry)
data[3] = Pin function select and drive mode
---- FDDD
|||| ||||-- DDD = Drive Mode
|||| |
=======================================================
|||| |
000: 1=Fast, Strong Drive Up, 0=Resistive Pull Down
|||| |
001: 1=Fast, Strong Drive Up, 0=Fast, Strong Drive Down
|||| |
010: Hi-Z, use for input
|||| |
011: 1=Resistive Pull Up,
0=Fast, Strong Drive Down
|||| |
100: 1=Slow, Strong Drive Up, 0=Hi-Z
|||| |
101: 1=Slow, Strong Drive Up, 0=Slow, Strong Drive Down
|||| |
110: reserved
|||| |
111: 1=Hi-Z,
0=Slow, Strong Drive Down
|||| |
|||| |----- F = Function
||||
=======================================================
||||
0: Port unused for GPIO. It will take on the default
||||
function such as ATX, DOW or unused. The user is
||||
responsible for setting the drive to the correct
||||
value in order for the default function to work
||||
correctly.
||||
1: Port used for GPIO under user control. The user is
||||
responsible for setting the drive to the correct
||||
value in order for the desired GPIO mode to work
||||
correctly.
||||------- reserved, will return 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com