Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 111 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 111 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 107Page - SMSC Corporation LPC47M14X Datasheet HTML 108Page - SMSC Corporation LPC47M14X Datasheet HTML 109Page - SMSC Corporation LPC47M14X Datasheet HTML 110Page - SMSC Corporation LPC47M14X Datasheet HTML 111Page - SMSC Corporation LPC47M14X Datasheet HTML 112Page - SMSC Corporation LPC47M14X Datasheet HTML 113Page - SMSC Corporation LPC47M14X Datasheet HTML 114Page - SMSC Corporation LPC47M14X Datasheet HTML 115Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 205 page
background image
SMSC DS – LPC47M14X
Page 111
Rev. 03/19/2001
6.14.2
Description
Each GPIO port has a 1-bit data register and an 8-bit configuration control register. The data register for each GPIO
port is represented as a bit in one of the 8-bit GPIO DATA Registers, GP1 to GP6. The bits in these registers reflect
the value of the associated GPIO pin as follows. Pin is an input: The bit is the value of the GPIO pin. Pin is an
output: The value written to the bit goes to the GPIO pin. Latched on read and write. All of the GPIO registers are
located in the PME block see “Run Time Register” section. The GPIO ports with their alternate functions and
configuration state register addresses are listed in Table 54.
Table 54 – General Purpose I/O Port Assignments
PIN #
QFP
DEFAULT
FUNCTION
ALT. FUNC. 1
ALT.
FUNCTION
2
ALT.
FUNCTION
3
DATA
REGISTER
1
DATA
REGISTER
BIT NO.
REGISTER
OFFSET
(HEX)
32
GPIO
Joystick 1 Button 1
0
33
GPIO
Joystick 1 Button 2
1
34
GPIO
Joystick 2 Button 1
2
35
GPIO
Joystick 2 Button 2
3
36
GPIO
Joystick 1 X-Axis
4
37
GPIO
Joystick 1 Y-Axis
5
38
GPIO
Joystick 2 X-Axis
6
39
GPIO
Joystick 2 Y-Axis
GP1
7
4B
41
GPIO
P17
0
42
GPIO
P16
EETI
1
43
GPIO
P12
EETI
2
N/A
Reserved
3
45
GPIO
System Option
4
46
GPIO
MIDI_IN
5
47
GPIO
MIDI_OUT
6
50
GPIO
SMI Output
GP2
7
4C
51
GPIO
Fan Tachometer 2
0
52
GPIO
Fan Tachometer 1
1
54
GPIO
Fan Speed Control 2
2
55
GPIO
Fan Speed Control 1
3
61
Infrared Rx
GPIO
4
62
Infrared Tx
GPIO
5
63
GPIO
Keyboard Reset
6
64
GPIO
Gate A20
GP3
7
4D
1
GPIO
Drive Density Select 0
0
2
GPIO
Drive Density Select 1
EETI
1
17
GPIO
Power Management
Event
2
28
GPIO
Device Disable Reg.
Control
EETI
3
N/A
Reserved
GP4
7:4
4E
92
GPIO
Ring Indicator 2
GP5
0
4F
94
GPIO
Data Carrier Detect 2
1
95
GPIO
Receive Serial Data 2
2
96
GPIO
Transmit Serial Data 2
3
97
GPIO
Data Set Ready 2
4
97
98
GPIO
Request to Send 2
5
98
99
GPIO
Clear to Send 2
6
99
100
GPIO
Date Terminal Ready
7
100
48
GPIO
LED
EETI
GP6
0
50
49
GPIO
LED
EETI
1
N/A
Reserved
7:2
Note 1:
The GPIO Data and Configuration Registers are located in PME block at the offset shown
from the PME_BLK address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com