Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 112 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 112 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 108Page - SMSC Corporation LPC47M14X Datasheet HTML 109Page - SMSC Corporation LPC47M14X Datasheet HTML 110Page - SMSC Corporation LPC47M14X Datasheet HTML 111Page - SMSC Corporation LPC47M14X Datasheet HTML 112Page - SMSC Corporation LPC47M14X Datasheet HTML 113Page - SMSC Corporation LPC47M14X Datasheet HTML 114Page - SMSC Corporation LPC47M14X Datasheet HTML 115Page - SMSC Corporation LPC47M14X Datasheet HTML 116Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 205 page
background image
SMSC DS – LPC47M14X
Page 112
Rev. 03/19/2001
6.14.3
GPIO Control
Each GPIO port has an 8-bit control register that controls the behavior of the pin. These registers are defined in the
“Runtime Registers” section of this specification.
Each GPIO port may be configured as either an input or an output. If the pin is configured as an output, it can be
programmed as open-drain or push-pull. Inputs and outputs can be configured as non-inverting or inverting. Bit[0] of
each GPIO Configuration Register determines the port direction, bit[1] determines the signal polarity, and bit[7]
determines the output driver type select. The GPIO configuration register Output Type select bit[7] applies to GPIO
functions and the nSMI Alternate functions.
The Polarity Bit (bit 1) of the GPIO control registers control the GPIO pin when the pin is configured for the GPIO
function and when the pin is configured for the alternate function for all pins, with the exception of the DDRC function
on GP43, the analog game port pins (J1X, J1Y, J2X, J2Y) and the either edge triggered interrupts. When the
alternate function is selected for the analog joystick pins (GP14, GP15, GP16 and GP17), these pins become open
drain, non-inverted outputs.
The basic GPIO configuration options are summarized in Table 55.
Table 55 – GPIO Configuration Summary
SELECTED
FUNCTION
DIRECTION
BIT
POLARITY
BIT
DESCRIPTION
B0
B1
0
0
Pin is a non-inverted output.
0
1
Pin is an inverted output.
1
0
Pin is a non-inverted input.
GPIO
1
1
Pin is an inverted input.
6.14.4
GPIO Operation
FIGURE 8 – GPIO FUNCTION ILLUSTRATION
GPIO
PIN
GPIO
Data Register
Bit-n
SD-bit
GPx_nIOR
GPIO
Configuration
Register bit-1
(Polarity)
GPIO
Configuration
Register bit-0
(Input/Output)
1
0
D-TYPE
Transparent
GPx_nIOW
DQ
QD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com