Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 113 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 113 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 109Page - SMSC Corporation LPC47M14X Datasheet HTML 110Page - SMSC Corporation LPC47M14X Datasheet HTML 111Page - SMSC Corporation LPC47M14X Datasheet HTML 112Page - SMSC Corporation LPC47M14X Datasheet HTML 113Page - SMSC Corporation LPC47M14X Datasheet HTML 114Page - SMSC Corporation LPC47M14X Datasheet HTML 115Page - SMSC Corporation LPC47M14X Datasheet HTML 116Page - SMSC Corporation LPC47M14X Datasheet HTML 117Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 205 page
background image
SMSC DS – LPC47M14X
Page 113
Rev. 03/19/2001
The operation of the GPIO ports is illustrated in FIGURE 8.
Note:
FIGURE 8 is for illustration purposes only and is not intended to suggest specific implementation details.
Note:
When the following functions are selected, the associated GPIO pins have bi-directional
functionality:
P12, P16, P17 and game port x-axis and y-axis inputs (J1X, J1Y, J2X, J2Y).
When a GPIO port is programmed as an input, reading it through the GPIO data register latches either the inverted or
non-inverted logic value present at the GPIO pin. Writing to a GPIO port that is programmed as an input has no
effect (Table 56)
When a GPIO port is programmed as an output, the logic value or the inverted logic value that has been written into
the GPIO data register is output to the GPIO pin. Reading from a GPIO port that is programmed as an output returns
the last value written to the data register (Table 56). When the GPIO is programmed as an output, the pin is
excluded from the PME and SMI logic.
Table 56 – GPIO Read/Write Behavior
HOST OPERATION
GPIO INPUT PORT
GPIO OUTPUT PORT
READ
LATCHED VALUE OF GPIO PIN
LAST WRITE TO GPIO DATA REGISTER
WRITE
NO EFFECT
BIT PLACED IN GPIO DATA REGISTER
The LPC47M14x provides 31 GPIOs that can directly generate a PME. See the table in the next section. The
polarity bit in the GPIO control registers select the edge on these GPIO pins that will set the associated status bit in
the PME_STS 2 register. The default is the low-to-high edge. If the corresponding enable bit in the PME_EN 2
register and the PME_EN bit in the PME_EN register is set, a PME will be generated. These registers are located in
the PME_BLK of runtime registers which are located at the address contained in the configuration registers 0x60 and
0x61 in Logical Device A. The PME status bits for the GPIOs are cleared on a write of ‘1’. In addition, the
LPC47M14x provides 19 GPIOs that can directly generate an SMI. See the table in the next section.
6.14.5
GPIO PME and SMI Functionality
The following GPIOs are dedicated wakeup GPIOs with a status and enable bit in the PME status and enable
registers:
GP10-GP17
GP20-GP22, GP24-GP27
GP30-GP33
GP41, GP43
GP50-GP57
GP60, GP61
The following PME status and enable registers for these GPIOs:
PME_STS2 and PME_EN2 for GP10-GP17
PME_STS3 and PME_EN3 for GP20-GP22, GP24-GP27
PME_STS4 and PME_EN4 for GP30-GP33, GP41, GP43, GP60 and GP61
PME_STS5 and PME_EN5 for GP50-GP57
The following GPIOs can directly generate an SMI and have a status and enable bit in the SMI status and enable
registers.
GP20-GP22, GP24-GP26
GP30-GP33
GP41, GP42, GP43
GP54-GP57
GP60, GP61
The following SMI status and enable registers for these GPIOs:
SMI_STS3 and SMI_EN3 for GP20-GP22, GP24-GP26 and GP60
SMI_STS4 and SMI_EN4 for GP30-GP33, GP41, GP42, GP43 and GP61
SMI_STS5 and SMI_EN5 for GP54-GP57, FAN_TACH1 and FAN_TACH2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com