Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 118 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 118 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 114Page - SMSC Corporation LPC47M14X Datasheet HTML 115Page - SMSC Corporation LPC47M14X Datasheet HTML 116Page - SMSC Corporation LPC47M14X Datasheet HTML 117Page - SMSC Corporation LPC47M14X Datasheet HTML 118Page - SMSC Corporation LPC47M14X Datasheet HTML 119Page - SMSC Corporation LPC47M14X Datasheet HTML 120Page - SMSC Corporation LPC47M14X Datasheet HTML 121Page - SMSC Corporation LPC47M14X Datasheet HTML 122Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 205 page
background image
SMSC DS – LPC47M14X
Page 118
Rev. 03/19/2001
The state machine will reset after 11 clocks and the process will restart. The process will continue until it is shut off by
setting the SPEKEY_EN bit (see following sub-section).
The state machine will reset if there is a period where the clock remains high for more than one keyboard clock
period (115-145usec) in the middle of the transmission (i.e., before clock 11). This is to prevent the generation of a
false PME.
The SPEKEY_EN bit at bit 1 of the CLOCKI32 register at 0xF0 in Logical Device A is used to control the “wake-on-
specific feature. This bit is used to turn the logic for this feature on and off. It will disable the 32kHz clock input to the
logic. The logic will draw no power when disabled. The bit is defined as follows:
0= “Wake on specific key” logic is on (default)
1= “Wake on specific key” logic is off
Note: The generation of a PME for this event is controlled by the PME enable bit (located in the PME_EN1 register
at bit 5) when the logic for feature is turned on.
6.17 FAN SPEED CONTROL AND MONITORING
The LPC47M14x implements fan speed control outputs and fan tachometer inputs. The implementation of these
features are described in the sections below.
6.17.1
Fan Speed Control
The fan speed control for the LPC47M14x is implemented as pulse width modulators with fan clock speed selection.
Pins 54 and 55 are the fan speed control outputs, FAN2 and FAN1, respectively, muxed with GPIOs. These fan
control pins come up as outputs and are low following a VCC POR and Hard Reset. These pins may not be used for
wakeup events under VTR power (VCC=0).
The configuration registers are defined in the “Runtime Registers” section.
Fan Speed Control Summary
The following table illustrates the different modes for the fans.
Table 57 – Different Modes for Fan
FANX CLOCK
CONTROL
BIT
(NOTE 1)
FANX
CLOCK
MULTIPLIER
BIT
(NOTE 2)
FANX
CLOCK
SOURCE
SELECT
BIT
(NOTE 3)
FANX
CLOCK
SELECT
BIT (NOTE
4)
FOUT
6-BIT DUTY
CYCLE
CONTROL
BITS[6:1]
(DCC)
DUTY CYCLE
(%)
0
X
X
X
0Hz – LOW
0
-
0
0
0
0
15.625kHz
1-63
(DCC/64)
0
0
0
1
23.438kHz
• 100
0
0
1
0
40Hz
0
0
1
1
60Hz
0
1
0
0
31.25kHz
0
1
0
1
46.876kHz
0
1
1
0
80Hz
0
1
1
1
120Hz
1
X
X
X
0Hz – HIGH
-
-
Note 1: This is FANx Register Bit 0
Note 2: This is Fan Control Register Bit 2 or 3
Note 3: This is Fan Control Register Bit 0 or 1
Note 4: This is FANx Register Bit 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com