Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 120 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 120 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 116Page - SMSC Corporation LPC47M14X Datasheet HTML 117Page - SMSC Corporation LPC47M14X Datasheet HTML 118Page - SMSC Corporation LPC47M14X Datasheet HTML 119Page - SMSC Corporation LPC47M14X Datasheet HTML 120Page - SMSC Corporation LPC47M14X Datasheet HTML 121Page - SMSC Corporation LPC47M14X Datasheet HTML 122Page - SMSC Corporation LPC47M14X Datasheet HTML 123Page - SMSC Corporation LPC47M14X Datasheet HTML 124Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 205 page
background image
SMSC DS – LPC47M14X
Page 120
Rev. 03/19/2001
The fan tachometer input signal and clock source is shown below.
The counter is reset by the rising edge of each pulse (and by writing the preload register). The counter does not
wrap; if it reaches 0xFF, it remains at 0xFF until it is reset by the next pulse.
The 2 MSBs of the count are sampled and a PME or SMI is generated (if enabled through the PME_EN1 enable
register or the SMI_EN5 enable register - see the “Runtime Registers” section) when these two bits are set. This
corresponds to a count value of 192.
The fan count is determined according to the following equation:
1
1.966 x 10
6
Count =
2
x
RPM x Divisor
+ Preload
(Equation 1)
(Term 1)
Term 1 in the equation above is determined by multiplying the clock source of 32.768kHz by 60sec/min and dividing
by the product of the revolutions per minute times the divisor. The default divisor, located in the Fan Control
Register, is 2. This results in a value for Term 1 in Equation 1 of 111 for a 4400 RPM.
The divisor for each fan is programmable via the Fan Control Register, which is located in the Runtime Register block
at offset
0xFA. The choices for the divisor are 1, 2, 4 and 8. The default value is 2. The factor of ½ in Term 1
corresponds to two pulses per revolution.
The preload value is programmable via the FAN1 Preload Register and FAN2 Preload Register. The preload is the
initial value for the fan count which is used to adjust the count such that the value of 192 corresponds to the “lower
limit” of the RPM. By setting the preload value and divisor properly, the PME or SMI will be generated when the RPM
reaches the desired percentage of the nominal RPM to indicate a fan failure.
A PME or SMI is generated, if enabled through the PME or SMI enable register, at a count of 192, which corresponds
to the “upper limit” for the fan count. This value is made to correspond to the “lower limit” of the RPM for the fan by
programming the divisor and preload value accordingly. Typical practice is to consider 70% of normal RPM a fan
failure, at which point Term 1 in Equation 1 for the example above will be 160. Therefore, the preload value is
chosen to be 32 so that when the count reaches 192, this will correspond to 70% of the normal RPM for the
generation of a PME or SMI.
TR
TP
F = 32.786kHz
÷ Divisor
Fan
Tachometer
Input
Clock Source
for Counter
T
R = Revolution Time = 60/RPM (sec)
T
P = Pulse Time = TR/2
(Two Pulses Per Revolution)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com