Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 123 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 123 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 119Page - SMSC Corporation LPC47M14X Datasheet HTML 120Page - SMSC Corporation LPC47M14X Datasheet HTML 121Page - SMSC Corporation LPC47M14X Datasheet HTML 122Page - SMSC Corporation LPC47M14X Datasheet HTML 123Page - SMSC Corporation LPC47M14X Datasheet HTML 124Page - SMSC Corporation LPC47M14X Datasheet HTML 125Page - SMSC Corporation LPC47M14X Datasheet HTML 126Page - SMSC Corporation LPC47M14X Datasheet HTML 127Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 205 page
background image
SMSC DS – LPC47M14X
Page 123
Rev. 03/19/2001
The figure below illustrates the timing of the game port signals. The 556 timers will reset the outputs (OUTA,B) to
zero and the RC constant (TIMA,B) pins to zero when the RC constant (TIMA,B) inputs reach 2/3 of VREF as shown.
VREF is the voltage on pin 44, which is either 5V or 3.3V. See the “VREF Pin “ section.
JOYW
OUTA,B
JOYR
VREF
TIMA,B
2
3
VREF
t1
The game port register is defined below. It is a runtime register located at the address programmed into the base I/O
address (GAME_PORT) in Logical Device 9.
Note:
Register 0x60 is the high byte; 0x61 is the low byte. For example, to set the primary base address to
1234h, write 12h into 0x60, and 34h into 0x61.
When the activate bit in Logical Device 9 is cleared, it prevents the base I/O address for the game port from being
decoded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com