Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 126 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 126 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 122Page - SMSC Corporation LPC47M14X Datasheet HTML 123Page - SMSC Corporation LPC47M14X Datasheet HTML 124Page - SMSC Corporation LPC47M14X Datasheet HTML 125Page - SMSC Corporation LPC47M14X Datasheet HTML 126Page - SMSC Corporation LPC47M14X Datasheet HTML 127Page - SMSC Corporation LPC47M14X Datasheet HTML 128Page - SMSC Corporation LPC47M14X Datasheet HTML 129Page - SMSC Corporation LPC47M14X Datasheet HTML 130Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 205 page
background image
SMSC DS – LPC47M14X
Page 126
Rev. 03/19/2001
REGISTER
OFFSET
(hex)
TYPE
HARD
RESET
VCC POR
VTR POR
SOFT
RESET
REGISTER
29
R/W
-
-
0x01
-
GP16
2A
R/W
-
-
0x01
-
GP17
2B
R/W
-
-
0x01
-
GP20
2C
R/W
-
-
0x01
-
GP21
2D
R/W
-
-
0x01
-
GP22
2E
R
-
-
-
-
Reserved – reads return 0
2F
R/W
-
-
0x01
-
GP24
30
R/W
-
-
0x01
-
GP25
31
R/W
-
-
0x01
-
GP26
32
R/W
-
-
0x01
-
GP27
33
R/W
-
-
0x01
-
GP30
34
R/W
-
-
0x01
-
GP31
35
R/W
0x00
0x00
0x01
-
GP32
36
R/W
0x00
0x00
0x01
-
GP33
37
R/W
-
-
0x05
-
GP34
38
R/W
0x04
0x04
0x04
-
GP35
39
R/W
-
-
0x01
-
GP36
3A
R/W
-
-
0x01
-
GP37
3B
R/W
-
-
0x01
-
GP40
3C
R/W
-
-
0x01
-
GP41
3D
R/W
-
-
0x01
-
GP42
3E
R/W
(Note 2)
(Note 2)
0x01
-
GP43
3F
R/W
-
-
0x01
-
GP50
40
R/W
-
-
0x01
-
GP51
41
R/W
-
-
0x01
-
GP52
42
R/W
0x00
0x00
0x00
-
GP53
43
R/W
-
-
0x01
-
GP54
44
R/W
-
-
0x01
-
GP55
45
R/W
-
-
0x01
-
GP56
46
R/W
-
-
0x01
-
GP57
47
R/W
-
-
0x01
-
GP60
48
R/W
-
-
0x01
-
GP61
49
R
-
-
-
-
Reserved – reads return 0
4A
R
-
-
-
-
Reserved – reads return 0
4B
R/W
-
-
0x00
-
GP1
4C
R/W
-
-
0x00
-
GP2
4D
R/W
(Note 2)
(Note 2)
0x00
-
GP3
4E
R/W
-
-
0x00
-
GP4
4F
R/W
(Note 3)
(Note 3)
0x00
-
GP5
50
R/W
-
-
0x00
-
GP6
51
R
-
-
-
-
Reserved – reads return 0
52
R
-
-
-
-
Reserved – reads return 0
53
R
-
-
-
-
Reserved – reads return 0
54
R/W
0XFF
0XFF
-
-
Interrupt Generating Register 1
55
R/W
0XFF
0XFF
-
-
Interrupt Generating Register 2
56
R/W
-
-
0x00
-
FAN1
57
R/W
-
-
0x00
-
FAN2
58
R/W
-
-
0x50
-
Fan Control
59
R
-
-
0x00
-
Fan1 Tachometer Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com