Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 125 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 125 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 121Page - SMSC Corporation LPC47M14X Datasheet HTML 122Page - SMSC Corporation LPC47M14X Datasheet HTML 123Page - SMSC Corporation LPC47M14X Datasheet HTML 124Page - SMSC Corporation LPC47M14X Datasheet HTML 125Page - SMSC Corporation LPC47M14X Datasheet HTML 126Page - SMSC Corporation LPC47M14X Datasheet HTML 127Page - SMSC Corporation LPC47M14X Datasheet HTML 128Page - SMSC Corporation LPC47M14X Datasheet HTML 129Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 205 page
background image
SMSC DS – LPC47M14X
Page 125
Rev. 03/19/2001
7
RUNTIME REGISTERS
The following registers are runtime registers in the LPC47M14x. They are located at the address programmed in the
Base I/O Address in Logical Device A (also referred to as the PME register) at the offset shown. These registers are
powered by VTR.
Table 58 – Runtime Register Block Summary
REGISTER
OFFSET
(hex)
TYPE
HARD
RESET
VCC POR
VTR POR
SOFT
RESET
REGISTER
00
R/W
-
-
0x00
-
PME_STS
01
R
-
-
-
-
Reserved – reads return 0
02
R/W
-
-
0x00
-
PME_EN
03
R
-
-
-
-
Reserved – reads return 0
04
R/W
-
-
0x00
-
PME_STS1
05
R/W
-
-
0x00
-
PME_STS2
06
R/W
-
-
0x00
-
PME_STS3
07
R/W
-
-
0x00 (Note 5)
-
PME_STS4
08
R/W
-
-
0x00 (Note 5)
-
PME_STS5
09
R
-
-
-
-
Reserved – reads return 0
0A
R/W
-
-
0x00
-
PME_EN1
0B
R/W
-
-
0x00
-
PME_EN2
0C
R/W
-
-
0x00
-
PME_EN3
0D
R/W
-
-
0x00
-
PME_EN4
0E
R/W
-
-
0x00
-
PME_EN5
0F
R
-
-
-
-
Reserved – reads return 0
10
R/W
Note 4
Note 4
0x02 (Note 4)
(Note 4)
SMI_STS 1
11
R/W
-
-
0x00
-
SMI_STS 2
12
R/W
-
-
0x00
-
SMI_STS3
13
R/W
-
-
0x00 (Note 5)
-
SMI_STS4
14
R/W
-
-
0x00
-
SMI_STS5
15
R
-
-
-
-
Reserved – reads return 0
16
R/W
-
-
0x00
-
SMI_EN1
17
R/W
-
-
0x00
-
SMI_EN2
18
R/W
-
-
0x00
-
SMI_EN3
19
R/W
-
-
0x00
-
SMI_EN4
1A
R/W
-
-
0x00
-
SMI_EN5
1B
R
-
-
-
-
Reserved – reads return 0
1C
R/W
-
-
0x00
-
MSC_STS
1D
R
-
-
-
-
Reserved – reads return 0
1E
R/W
0x01
0x01
-
-
Force Disk Change
1F
R
-
-
-
-
Floppy Data Rate Select Shadow
20
R
-
-
-
-
UART1 FIFO Control Shadow
21
R
-
-
-
-
UART2 FIFO Control Shadow
22
R/W
(Note 1)
-
-
0x00
-
Device Disable Register
23
R/W
-
-
0x01
-
GP10
24
R/W
-
-
0x01
-
GP11
25
R/W
-
-
0x01
-
GP12
26
R/W
-
-
0x01
-
GP13
27
R/W
-
-
0x01
-
GP14
28
R/W
-
-
0x01
-
GP15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com