Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 119 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 119 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 115Page - SMSC Corporation LPC47M14X Datasheet HTML 116Page - SMSC Corporation LPC47M14X Datasheet HTML 117Page - SMSC Corporation LPC47M14X Datasheet HTML 118Page - SMSC Corporation LPC47M14X Datasheet HTML 119Page - SMSC Corporation LPC47M14X Datasheet HTML 120Page - SMSC Corporation LPC47M14X Datasheet HTML 121Page - SMSC Corporation LPC47M14X Datasheet HTML 122Page - SMSC Corporation LPC47M14X Datasheet HTML 123Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 205 page
background image
SMSC DS – LPC47M14X
Page 119
Rev. 03/19/2001
FANx Registers
The FAN1 and FAN2 Registers are located at 0x56 and 0x57 from base I/O in Logical Device A. The bits are defined
below. See the register description in the “Runtime Registers” section.
Fan x Clock Select Bit, D7
The Fan x Clock select bit in the FANx registers is used with the Fan x Clock Source Select and the Fan x Clock
Multiplier bits in the Fan Control register to determine the fan speed FOUT. See Table 57 above.
Duty Cycle Control for Fan x, Bits D6 – D1
The Duty Cycle Control (DCC) bits determine the fan duty cycle. The LPC47M14x has
≈1.56% duty cycle resolution.
When DCC = “000000” (min. value), FOUT is always low. When DCC is “111111” (max. value), FOUT is almost always
high; i.e., high for 63/64
th and low for 1/64th of the FOUT period.
Generally, the FOUT duty cycle (%) is (DCC ÷ 64) × 100.
Fan x Clock Control, Bit D0
The Fan x Clock Control bit D0 is used to override the Duty Cycle Control for Fan x bits and force FOUT always high.
When D0 = “0”, the DCC bits determine the FOUT duty cycle. When D0 = 1, FOUT is always high, regardless of the
state of the DCC bits.
Fan Control Register
The Fan Control Register is located at 0x58 from base I/O in Logical Device A. The bits are defined below. See the
register description in the “Runtime Registers” section.
Fan x Count Divisor, Bits D7-D6 / D5-D4
Fan x Count Divisor bit in Fan Control Register is used to determine fan tachometer count. The choices for the
divisor are 1, 2, 4 and 8. See “Fan Tachometer Input” section.
Fan x Clock Multiplier, Bits D3 / D2
The Fan x Clock Multiplier bit is used with the Fan x Clock Source Select bit in the Fan Control Register and the Fan
x Clock Select bit in Fan register to determine the FOUT.
When the Fan x Clock Multiplier bit = “0”, no clock multiplier is used. When the Fan x Clock Multiplier bit = “1”, the
clock speed determined by the Fan x Clock Source Select bit is doubled.
Fan x Clock Source Select, Bits D1 / D0
The Fan x Clock Source Select and the Fan x Clock Multiplier bits in the Fan Control register is used with the Fan x
Clock Select bit in the Fan x registers to determine the fan speed FOUT. See Table 57 above.
6.17.2
Fan Tachometer Inputs
The LPC47M14x implements fan tachometer inputs for signals from fans equipped with tachometer outputs. The part
can generate both a PME and an SMI when the fan speed drops below a predetermined value. See description
below.
The clock source for the tachometer count is the 32.768kHz oscillator. The Fan Tachometer Inputs gate a divided
down version of the 32.768kHz oscillator for one period of the Fan signal into an 8-bit counter (maximum count is
255).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com