Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 180 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 180 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 176Page - SMSC Corporation LPC47M14X Datasheet HTML 177Page - SMSC Corporation LPC47M14X Datasheet HTML 178Page - SMSC Corporation LPC47M14X Datasheet HTML 179Page - SMSC Corporation LPC47M14X Datasheet HTML 180Page - SMSC Corporation LPC47M14X Datasheet HTML 181Page - SMSC Corporation LPC47M14X Datasheet HTML 182Page - SMSC Corporation LPC47M14X Datasheet HTML 183Page - SMSC Corporation LPC47M14X Datasheet HTML 184Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 205 page
background image
SMSC DS – LPC47M14X
Page 180
Rev. 03/19/2001
Differential
Data Lines
10%
Rise Time
90%
Fall Time
tF
tR
10%
90%
VCRS
FIGURE 10 – DATA SIGNAL RISE AND FALL TIME
Full Speed: 4 to 20ns at CL = 50pF
TxD+
TxD-
Rs
Rs
C
L
C
L
Full-Speed Buffer
Note: The output impedance of the buffer with a series resistance
(Rs) is 28
Ω to 44Ω.
FIGURE 11 – FULL SPEED LOAD
TxD+
TxD-
Rs
Rs
C
L
C
L
Low-Speed Buffer
15K
15K
Low-Speed upstream port load
CL = 50pF to 150pF
TxD+
TxD-
Rs
Rs
C
L
C
L
Low-Speed Buffer
3.6V
1.5K
Low-Speed Downstream port load
CL = 200pF to 600pF
FIGURE 12 – LOW-SPEED PORT LOADS
Data Line
Crossover
Point
50%Point of
Initial Swing
VSS
VSS
Driver End
of Cable
Round Trip
Cable Delay
80ns (max)
Receiver
End of Cable
One Way
Cable
Delay
30ns
(max)
FIGURE 13 – CABLE DELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com