Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 178 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 178 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 174Page - SMSC Corporation LPC47M14X Datasheet HTML 175Page - SMSC Corporation LPC47M14X Datasheet HTML 176Page - SMSC Corporation LPC47M14X Datasheet HTML 177Page - SMSC Corporation LPC47M14X Datasheet HTML 178Page - SMSC Corporation LPC47M14X Datasheet HTML 179Page - SMSC Corporation LPC47M14X Datasheet HTML 180Page - SMSC Corporation LPC47M14X Datasheet HTML 181Page - SMSC Corporation LPC47M14X Datasheet HTML 182Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 205 page
background image
SMSC DS – LPC47M14X
Page 178
Rev. 03/19/2001
t3
Vc c
Al l H o s t
A cce s s e s
t2
t1
FIGURE 9 – POWER-UP TIMING
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
Vcc Slew from 2.7V to 0V
300
µs
t2
Vcc Slew from 0V to 2.7V
100
µs
t3
All Host Accesses After Powerup (Note 1)
125
500
µs
Note 1: Internal write-protection period after Vcc passes 2.7 volts on power-up
USB Hub Interface Timing
The USB Hub uses a differential output driver to drive the USB data signal onto the USB cable. The output rise time
and fall times are measured between 10% and 90% of the signal (see FIGURE 10). Rise and fall time requirements
apply to differential transitions as well as to transitions between differential and single-ended signaling.
The rise and fall times for full-speed buffers are much more stringent than that of low speed buffers. These values,
listed in Table 77, are measured with a load of 50pF and are matched to within
±10% to minimize RFI emissions and
signal skew.
The rise and fall times for low-speed buffers are measure with the loads shown in FIGURE 12. A downstream port is
allowed 150pF of input/output capacitance (CIND). A low-speed device (including cable) may have a capacitance of
as little as 200pF and as much as 450pF. This gives a range of 200pF to 600pF as the capacitive load that the
downstream low-speed buffer must support. Upstream buffers on low-speed devices must be designed to drive the
capacitance of the attached cable plus an additional 150pF. In all cases, the edges must be matched to within
±20%
to minimize RFI emissions and signal skew.
Table 77 – Electrical Source Characteristics
The values listed below satisfy speeds up to 12Mbps (Full Speed)
PARAMETER
SYM
CONDITIONS
(NOTES 1, 2, 3)
MIN
MAX
UNIT
DRIVER
CHARACTERISTICS:
DRIVER CHARACTERISTICS (Full-Speed)
Transition Time:
Rise Time
Fall Time
TR
TF
Note 4,5 and FIGURE 10
& FIGURE 11
CL = 50 pF
CL = 50 pF
4
4
20
20
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com