Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 174 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 174 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 170Page - SMSC Corporation LPC47M14X Datasheet HTML 171Page - SMSC Corporation LPC47M14X Datasheet HTML 172Page - SMSC Corporation LPC47M14X Datasheet HTML 173Page - SMSC Corporation LPC47M14X Datasheet HTML 174Page - SMSC Corporation LPC47M14X Datasheet HTML 175Page - SMSC Corporation LPC47M14X Datasheet HTML 176Page - SMSC Corporation LPC47M14X Datasheet HTML 177Page - SMSC Corporation LPC47M14X Datasheet HTML 178Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 205 page
background image
SMSC DS – LPC47M14X
Page 174
Rev. 03/19/2001
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
IOP14 Type Buffer
Low Output Level
High Output Level
Leakage Current
VOL
VOH
ILEAK
2.4
0.4
±10
V
V
µA
IOL = 14mA
IOH = -14mA
VIN = 0 to VCC
(Note 1)
IOD16 Type Buffer
Low Output Level
Leakage Current
VOL
ILEAK
0.4
±10
V
µA
IOL = 16mA
VIN = 0 to VCC
(Note 1)
O24 Type Buffer
Low Output Level
High Output Level
VOL
VOH
2.4
0.4
V
V
IOL = 24 mA @ VCC
IOH = -12 mA @ VCC
Backdrive
Protect/ChiProtect
(All
signal
pins
excluding
LAD[3:0], LDRQ#, LPCPD#,
LFRAME#,
USB+,
USB-,
PD+[1:4], PD-[1:4])
IIL
± 10
µA
VCC = 0V
VIN = 5.5V Max
5V Tolerant Pins
(All
signal
pins
excluding
LAD[3:0], LDRQ#, LPCPD#,
LFRAME#,
USB+,
USB-,
PD+[1:4], PD-[1:4])
Inputs and Outputs in High
Impedance State
IIL
± 10
µA
VCC = 3.3V
VIN = 5.5V Max
LPC Bus Pins
(LAD[3:0], LDRQ#, LPCPD#,
LFRAME#)
IIL
± 10
µA
VCC = 0V and
VCC = 3.3V
VIN = 3.6V Max
IOUSB Input Levels:
Differential Input Sensitivity
(Notes 3 & 6)
VDI
0.2
V
|(PD+) - (PD-)|
Differential Common Mode
Range
(Note 3)
VCM
0.8
2.5
V
Includes VDI range
Single-Ended Receiver
Threshold
(Note 3)
VSE
0.8
Note 4
2.0
Note 5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com