Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 171 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 171 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 167Page - SMSC Corporation LPC47M14X Datasheet HTML 168Page - SMSC Corporation LPC47M14X Datasheet HTML 169Page - SMSC Corporation LPC47M14X Datasheet HTML 170Page - SMSC Corporation LPC47M14X Datasheet HTML 171Page - SMSC Corporation LPC47M14X Datasheet HTML 172Page - SMSC Corporation LPC47M14X Datasheet HTML 173Page - SMSC Corporation LPC47M14X Datasheet HTML 174Page - SMSC Corporation LPC47M14X Datasheet HTML 175Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 205 page
background image
SMSC DS – LPC47M14X
Page 171
Rev. 03/19/2001
Table 76 – HubControl_1 Register Definition
HubControl_1
RESET=0x00
INDEX=0xF7
HUB CONTROL REGISTER 1
BIT
NAME
R/W
DESCRIPTION
7
NHubReset
R/W
NHubReset – When this bit is asserted (0), the hub controller is in a reset
state. The hub will not respond to any enumeration or device requests.
When this bit is de-asserted (1), the hub controller is ready to receive
packets from the Root Host Controller. Each Port will then be enabled via a
control packet from the Host
6
Strp1
R/W
5
Strp0
R/W
Strap Select – The two bits define the number of USB Down Stream Ports
that will be enabled. The Default value which is sampled during VT POR, is
defined by the Input Pins nStrp1 and nStrp0. The state of the input pins are
the logical invert of the associated Strp1 and Strp0 bits. The number of
ports enabled is defined in the following table:
Strp1 Strp0
Ports Enabled
1
1
Reserved – This selection is for future use
1
0
PD1+/-,PD2+/-
0
1
PD1+/-,PD2+/-,PD3+/-
0
0
PD1+/-,PD2+/-,PD3+/-,PD4+/- (Default)
Note: For backward compatibility with existing older revision
devices, the default for Strp1 and Strp0 is 00. This implies that the
input pins nStrp1 and nStrp0, are required to not be connected.
See Note 1:
4:1
Reserved
R
Reserved – Reads return 0
0
Ganged
PWR
R/W
Ganged Power Sense Enable – When this bit is set (1), the Power Control
block of the USB HUB device will internally OR the Power OK sense pins
(nUSBOC[3:0]) and Power Enable (nPWREN[3:0]) pins. This will allow the
system designer the ability to reduce implementation costs by reducing the
external current hardware. In this mode, since only one Sense and Enable
PIN is required, the unused input pins must be tied to VDD (1) and the
unused output pins may be left unconnected.
See Note 1:
Note 1: When the specified USB Down Stream Ports are disabled via the Strp0/Strp1 bit or nStrp1/nStrp0 Pins, the
associated Over-current sense pins (nUSBOC[x]) and Power Enable (nPWREN[x]) pins are also disabled. The USB
Down Stream Port nUSBOC[x] input pin can be a NC (No Connect) pin or tied High (1) and the Power Enable
(nPWREN[x]) pin will be forced low (0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com