Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 170 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 170 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 166Page - SMSC Corporation LPC47M14X Datasheet HTML 167Page - SMSC Corporation LPC47M14X Datasheet HTML 168Page - SMSC Corporation LPC47M14X Datasheet HTML 169Page - SMSC Corporation LPC47M14X Datasheet HTML 170Page - SMSC Corporation LPC47M14X Datasheet HTML 171Page - SMSC Corporation LPC47M14X Datasheet HTML 172Page - SMSC Corporation LPC47M14X Datasheet HTML 173Page - SMSC Corporation LPC47M14X Datasheet HTML 174Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 205 page
background image
SMSC DS – LPC47M14X
Page 170
Rev. 03/19/2001
NAME
REG INDEX
DEFINITION
NOTES
IdVendor_Low
Default=0x24
on VTR POR
0xF1
R/W
Bit[7:0] USB Vendor ID (assigned by USB), low byte
Default reset to SMSC ID
System
Note 1
IdVendor_High
Default=0x04
on VTR POR
0xF2
R/W
Bit[7:0] USB Vendor ID (assigned by USB), high byte
Default reset to SMSC ID
System
Note 1
IdProduct_Low
Default=40
on VTR POR
0xF3
R/W
Bit[7:0] USB Product ID (assigned by manufacturer), low
byte
Default reset to SMSC silicon ID
System
Note 1
IdProduct_High
Default=01
on VTR POR
0xF4
R/W
Bit[7:0] USB Product ID (assigned by manufacturer),
high byte
Default reset to SMSC silicon ID
System
Note 1
BcdDevice_Low
Default=0x00
on VTR POR
0xF5
R/W
Bit[7:0] USB Device Release Number (in binary coded
decimal), low byte
Default set to SMSC silicon revision
System
Note 1
BcdDevice_High
Default=0x00
on VTR POR
0xF6
R/W
Bit[7:0] USB Device Release Number (in binary coded
decimal), high byte
Default set to SMSC silicon revision
System
Note 1
HubControl_1
Default=0x00
on VTR POR
0xF7
R/W
Bit[0] GangedPWR
Bit[1:4] Reserved
Bit[5:6] Strp[0:1]
Bit[7] NhubReset
Note: For a detailed description of HubControl_1 bits
see Table 76 below.
0xF8-
0xFF
Reserved – read as ‘0’
Note 1: This activate function is satisfied by NHubReset in the HubControl 1 Register defined below.
System Note 1: Current Root Hub device identification is being implemented by using the Vendor ID (VID)
and Product ID (PID) from the hub vendor. Although this is not currently a Windows 2000 or 98 logo
requirement, Microsoft WHQL encourages system vendors to change the VID/PID combination for each of
their motherboards and USB hubs. Using the hub vendor's VID/PID (Default Value of the registers defined
above) combination becomes an issue if, in a future operating system release, WHQL finds a broken
implementation in the industry that must be disallowed. As result, all hubs using the same VID/PID
combination would be disallowed by the operating system. However, if each system vendor creates a
unique VID/PID combination, then only the disallowed implementation would be turned off.
Therefore, it is recommended that each OEM modify / change the following register values, through BIOS,
for each motherboard design by modifying the following registers defined above:
1)
IdVendor_Low Default=0x24
2)
IdVendor_High Default=0x04
3)
IdProduct_Low Default=0x40
4)
IdProduct_High Default=0x01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com