Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 166 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 166 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 162Page - SMSC Corporation LPC47M14X Datasheet HTML 163Page - SMSC Corporation LPC47M14X Datasheet HTML 164Page - SMSC Corporation LPC47M14X Datasheet HTML 165Page - SMSC Corporation LPC47M14X Datasheet HTML 166Page - SMSC Corporation LPC47M14X Datasheet HTML 167Page - SMSC Corporation LPC47M14X Datasheet HTML 168Page - SMSC Corporation LPC47M14X Datasheet HTML 169Page - SMSC Corporation LPC47M14X Datasheet HTML 170Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 205 page
background image
SMSC DS – LPC47M14X
Page 166
Rev. 03/19/2001
Table 70 – Serial Port 1, Logical Device 4 [Logical Device Number = 0x04]
NAME
REG INDEX
DEFINITION
STATE
Serial Port 1
Mode Register
Default = 0x00
on VCC POR,
VTR POR and
HARD RESET
0xF0 R/W
Bit[0] MIDI Mode
= 0
MIDI support disabled (default)
= 1
MIDI support enabled
Bit[1] High Speed
= 0
High Speed Disabled(default)
= 1
High Speed Enabled
Bit[6:2] Reserved, set to zero
Bit[7]: Share IRQ
=0 UARTs use different IRQs
=1 UARTs share a common IRQ
See Note 1 below.
C
Note 1: To properly share and IRQ,
1. Configure UART1 (or UART2) to use the desired IRQ.
2. Configure UART2 (or UART1) to use No IRQ selected.
3. Set the share IRQ bit.
Note:
If both UARTs are configured to use different IRQs and the share IRQ bit is set, then both of the UART IRQs
will assert when either UART generates an interrupt.
UART Interrupt Operation Table
Table 71 – Serial Port 2, Logical Device 5 [Logical Device Number = 0x05]
NAME
REG INDEX
DEFINITION
STATE
Serial Port 2
Mode Register
Default = 0x00
on VCC POR,
VTR POR and
HARD RESET
0xF0 R/W
Bit[0] MIDI Mode
= 0
MIDI support disabled (default)
= 1
MIDI support enabled
Bit[1] High Speed
= 0
High Speed disabled(default)
= 1
High Speed enabled
Bit[4:2] Reserved, set to zero
Bit[5] TXD2_MODE (Note 1)
=0
The inactive state of the TXD2 pin is low.
=1
The inactive state of the TXD2 pin is tristate.
Bits[7:6] Reserved. Set to zero.
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com