Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 164 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 164 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 160Page - SMSC Corporation LPC47M14X Datasheet HTML 161Page - SMSC Corporation LPC47M14X Datasheet HTML 162Page - SMSC Corporation LPC47M14X Datasheet HTML 163Page - SMSC Corporation LPC47M14X Datasheet HTML 164Page - SMSC Corporation LPC47M14X Datasheet HTML 165Page - SMSC Corporation LPC47M14X Datasheet HTML 166Page - SMSC Corporation LPC47M14X Datasheet HTML 167Page - SMSC Corporation LPC47M14X Datasheet HTML 168Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 205 page
background image
SMSC DS – LPC47M14X
Page 164
Rev. 03/19/2001
SMSC Defined Logical Device Configuration Registers
The SMSC Specific Logical Device Configuration Registers reset to their default values only on hard resets
generated by Vcc or VTR POR (as shown) or the PCI_RESET# signal. These registers are not affected by soft
resets.
Table 68 – Floppy Disk Controller, Logical Device 0 [Logical Device Number = 0x00]
NAME
REG INDEX
DEFINITION
STATE
FDD Mode Register
Default = 0x0E
on VCC POR,
VTR POR and
HARD RESET
0xF0 R/W
Bit[0] Floppy Mode
= 0
Normal Floppy Mode (default)
= 1
Enhanced Floppy Mode 2 (OS2)
Bit[1] FDC DMA Mode
= 0
Burst Mode is enabled
= 1
Non-Burst Mode (default)
Bit[3:2] Interface Mode
= 11
AT Mode (default)
= 10
(Reserved)
= 01
PS/2
= 00
Model 30
Bit[4] Reserved
Bit[5] Reserved, set to zero
Bit[6] FDC Output Type Control
= 0
FDC outputs are OD12 open drain (default)
= 1
FDC outputs are O12 push-pull
Bit[7] FDC Output Control
= 0
FDC outputs active (default)
= 1
FDC outputs tri-stated
C
FDD Option Register
Default = 0x00
on VCC POR,
VTR POR and
HARD RESET
0xF1 R/W
Bit[0] Forced Write Protect
= 0
Inactive (default)
= 1
FDD nWRTPRT input is forced active when
either of the drives has been selected.
nWRTPRT (to the FDC Core) = WP (FDC SRA
register, bit 1) = (nDS0 AND Forced Write Protect)
OR (nDS1 AND Forced Write Protect) OR nWRTPRT
(from the FDD Interface) OR Floppy Write Protect
Note:
The Floppy Write Protect bit is in the Device
Disable register.
Note:
Boot floppy is always drive 0.
Bit[1] Reserved
Bits[3:2] Density Select
= 00
Normal (default)
= 01
Normal (reserved for users)
= 10
1 (forced to logic "1")
= 11
0 (forced to logic "0")
Bit [7:4] Reserved.
C
FDD Type Register
Default = 0xFF
on VCC POR,
VTR POR and
HARD RESET
0xF2 R/W
Bits[1:0] Floppy Drive A Type
Bits[3:2] Floppy Drive B Type
Bits[5:4] Reserved (could be used to store Floppy
Drive C type)
Bits[7:6] Reserved (could be used to store Floppy
Drive D type)
Note: The LPC47M14x supports two floppy drives
C
0xF3 R
Reserved, Read as 0 (read only)
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com