Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 160 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 160 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 156Page - SMSC Corporation LPC47M14X Datasheet HTML 157Page - SMSC Corporation LPC47M14X Datasheet HTML 158Page - SMSC Corporation LPC47M14X Datasheet HTML 159Page - SMSC Corporation LPC47M14X Datasheet HTML 160Page - SMSC Corporation LPC47M14X Datasheet HTML 161Page - SMSC Corporation LPC47M14X Datasheet HTML 162Page - SMSC Corporation LPC47M14X Datasheet HTML 163Page - SMSC Corporation LPC47M14X Datasheet HTML 164Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 205 page
background image
SMSC DS – LPC47M14X
Page 160
Rev. 03/19/2001
Table 64 – Logical Device Registers
LOGICAL DEVICE
REGISTER
ADDRESS
DESCRIPTION
STATE
Interrupt Select
Defaults :
0x70 = 0x00 or 0x06
(Note 3)
on VCC POR, VTR POR,
HARD RESET and
SOFT RESET
0x72 = 0x00,
on VCC POR, VTR POR,
HARD RESET and
SOFT RESET
(0x70,0x72)
0x70 is implemented for each logical device.
Refer to Interrupt Configuration Register
description. Only the keyboard controller uses
Interrupt Select register 0x72. Unused register
(0x72) will ignore writes and return zero when
read.
Interrupts default to edge high (ISA
compatible).
C
(0x71,0x73)
Reserved - not implemented. These register
locations ignore writes and return zero when
read.
DMA Channel Select
Default = 0x02 or 0x04
(Note 4)
on VCC POR, VTR POR,
HARD RESET and
SOFT RESET
(0x74,0x75)
Only 0x74 is implemented for FDC and Parallel
port. 0x75 is not implemented and ignores
writes and returns zero when read. Refer to
DMA Channel Configuration.
C
32-Bit
Memory
Space
Configuration
(0x76-0xA8)
Reserved - not implemented. These register
locations ignore writes and return zero when
read.
Logical Device
(0xA9-0xDF)
Reserved - not implemented. These register
locations ignore writes and return zero when
read.
C
Logical
Device
Configuration
(0xE0-0xFE)
Reserved – Vendor Defined (see SMSC
defined
Logical
Device
Configuration
Registers).
C
Reserved
0xFF
Reserved
C
Note 1: A logical device will be active and powered up according to the following equation unless otherwise specified:
DEVICE ON (ACTIVE) = (Activate Bit SET or Pwr/Control Bit SET).
The Logical device's Activate Bit and its Pwr/Control Bit are linked such that setting or clearing one sets or
clears the other.
Note 2: If the I/O Base Addr of the logical device is not within the Base I/O range as shown in the Logical Device I/O
map, then read or write is not valid and is ignored.
Note 3: The default value of the Primary Interrupt Select register for logical device 0 is 0x06.
Note 4: The default value of the DMA Channel Select register for logical device 0 (FDD) is 0x02 and for logical device
3 and 5 is 0x04.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com