Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 156 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 156 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 152Page - SMSC Corporation LPC47M14X Datasheet HTML 153Page - SMSC Corporation LPC47M14X Datasheet HTML 154Page - SMSC Corporation LPC47M14X Datasheet HTML 155Page - SMSC Corporation LPC47M14X Datasheet HTML 156Page - SMSC Corporation LPC47M14X Datasheet HTML 157Page - SMSC Corporation LPC47M14X Datasheet HTML 158Page - SMSC Corporation LPC47M14X Datasheet HTML 159Page - SMSC Corporation LPC47M14X Datasheet HTML 160Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 205 page
background image
SMSC DS – LPC47M14X
Page 156
Rev. 03/19/2001
LOGICAL DEVICE C CONFIGURATION REGISTERS (USB Hub)
0x30
R/W
0x00
0x00
0x00
0x00
Activate (see Table 75)
(Note 2)
0xF0
R/W
-
-
0x00
-
OSC_CLK (Note 2)
0xF1
R/W
-
-
0x24
-
IdVendor_Low (Notes 1 & 2 )
0xF2
R/W
-
-
0x04
-
IdVendor_High (Notes 1 & 2 )
0xF3
R/W
-
-
0x40
-
IdProduct_Low (Notes 1 & 2 )
0xF4
R/W
-
-
0x01
-
IdProduct_High (Notes 1 & 2 )
0xF5
R/W
-
-
0x00
-
BcdDevice_Low (Notes 1 & 2 )
0xF6
R/W
-
-
0x00
-
BcdDevice_High (Notes 1 & 2 )
0xF7
R/W
-
-
0x00
-
HubControl_1
(Notes 1 & 2 )
Note 1: CR22 bit 5 is reset on VTR only.
Note 2: The registers for the USB Hub are powered by VTR.
Note: Reserved registers are read-only, reads return 0.
Chip Level (Global) Control/Configuration Registers[0x00-0x2F]
The chip-level (global) registers lie in the address range [0x00-0x2F]. The design MUST use all 8 bits of the
ADDRESS Port for register selection. All unimplemented registers and bits ignore writes and return zero when read.
The INDEX PORT is used to select a configuration register in the chip. The DATA PORT is then used to access the
selected register. These registers are accessible only in the Configuration Mode.
Table 62 – Chip Level Registers
REGISTER
ADDRESS
DESCRIPTION
STATE
Chip (Global) Control Registers
0x00 -
0x01
Reserved - Writes are ignored, reads return 0.
Config Control
Default = 0x00
on VCC POR,
VTR POR and
HARD RESET
0x02 W
The hardware automatically clears this bit after the
write, there is no need for software to clear the bits.
Bit 0 = 1: Soft Reset. Refer to the "Configuration
Registers" table for the soft reset value for each
register.
C
0x03 - 0x06 Reserved - Writes are ignored, reads return 0.
Logical Device #
Default = 0x00
on VCC POR,
VTR POR,
SOFT RESET and
HARD RESET
0x07 R/W
A write to this register selects the current logical
device.
This allows access to the control and
configuration registers for each logical device. Note:
The Activate command operates only on the selected
logical device.
C
Card Level Reserved 0x08 - 0x1F Reserved - Writes are ignored, reads return 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com