Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 152 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 152 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 148Page - SMSC Corporation LPC47M14X Datasheet HTML 149Page - SMSC Corporation LPC47M14X Datasheet HTML 150Page - SMSC Corporation LPC47M14X Datasheet HTML 151Page - SMSC Corporation LPC47M14X Datasheet HTML 152Page - SMSC Corporation LPC47M14X Datasheet HTML 153Page - SMSC Corporation LPC47M14X Datasheet HTML 154Page - SMSC Corporation LPC47M14X Datasheet HTML 155Page - SMSC Corporation LPC47M14X Datasheet HTML 156Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 205 page
background image
SMSC DS – LPC47M14X
Page 152
Rev. 03/19/2001
8
CONFIGURATION
The Configuration of the LPC47M14x is very flexible and is based on the configuration architecture implemented in
typical Plug-and-Play components. The LPC47M14x is designed for motherboard applications in which the resources
required by their components are known. With its flexible resource allocation architecture, the LPC47M14x allows the
BIOS to assign resources at POST.
SYSTEM ELEMENTS
Primary Configuration Address Decoder
After a hard reset (PCI_RESET# pin asserted) or Vcc Power On Reset the LPC47M14x is in the Run Mode with all
logical devices disabled. The logical devices may be configured through two standard Configuration I/O Ports (INDEX
and DATA) by placing the LPC47M14x into Configuration Mode.
The BIOS uses these configuration ports to initialize the logical devices at POST. The INDEX and DATA ports are only
valid when the LPC47M14x is in Configuration Mode.
The SYSOPT pin is latched on the falling edge of the PCI_RESET# or on Vcc Power On Reset to determine the
configuration register's base address. The SYSOPT pin is used to select the CONFIG PORT's I/O address at power-up.
Once powered up the configuration port base address can be changed through configuration registers CR26 and CR27.
The SYSOPT pin is a hardware configuration pin which is shared with the GP24 signal on pin 45.
Note:
An external pull-down resistor is required for the base IO address to be 0x02E for configuration. An
external pull-up resistor is required to move the base IO address for configuration to 0x04E.
The INDEX and DATA ports are effective only when the chip is in the Configuration State.
PORT NAME
SYSOPT= 0
10k PULL-DOWN
RESISTOR
SYSOPT= 1
10K PULL-UP
RESISTOR
TYPE
CONFIG PORT (Note)
0x02E
0x04E
Write
INDEX PORT (Note)
0x02E
0x04E
Read/Write
DATA PORT
INDEX PORT + 1
Read/Write
Note : The configuration port base address can be relocated through CR26 and CR27.
Entering the Configuration State
The device enters the Configuration State when the following Config Key is successfully written to the CONFIG PORT.
Config Key = <0x55>
Exiting the Configuration State
The device exits the Configuration State when the following Config Key is successfully written to the CONFIG PORT.
Config Key = <0xAA>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com