Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 151 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 151 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 147Page - SMSC Corporation LPC47M14X Datasheet HTML 148Page - SMSC Corporation LPC47M14X Datasheet HTML 149Page - SMSC Corporation LPC47M14X Datasheet HTML 150Page - SMSC Corporation LPC47M14X Datasheet HTML 151Page - SMSC Corporation LPC47M14X Datasheet HTML 152Page - SMSC Corporation LPC47M14X Datasheet HTML 153Page - SMSC Corporation LPC47M14X Datasheet HTML 154Page - SMSC Corporation LPC47M14X Datasheet HTML 155Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 205 page
background image
SMSC DS – LPC47M14X
Page 151
Rev. 03/19/2001
Note 9: If this pin is used for Ring Indicator wakeup, either the nRI2 event can be enabled via bit 1 in the PME_EN1
register or the GP50 PME event can be enabled via bit 0 in the PME_EN5 register.
Note 10: In order to use the P12, P16 and P17 functions, the corresponding GPIO must be programmed for output,
non-invert, and push-pull output type.
The P17 function should not be selected on GP20 and GP 62 simultaneously. If P17 is selected on GP20 and GP62,
simultaneously, then P17 on GP62 will function and P17 on GP20 will not.
The following register is located at an offset of zero from (GAME_PORT) the address into the base I/O address
register for Logical Device 9.
Table 60 – Game Port
NAME
REG OFFSET
(hex)
DESCRIPTION
Game Port Register
Default = 0x00
on VTR POR
00
(R)
Game Port Register
Bit[0]
X-Axis Joystick 1 (OUT1A)
Bit[1]
Y-Axis Joystick 1 (OUT1B)
Bit[2]
X-Axis Joystick 2 (OUT2A)
Bit[3]
Y-axis Joystick 2 (OUT2B)
Bit[4]
Button Joystick 1 (J1B1)
Bit[5]
Button Joystick 1 (J1B2)
Bit[6]
Button Joystick 2 (J2B1)
Bit[7]
Button Joystick 2 (J2B2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com