Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 147 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 147 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 143Page - SMSC Corporation LPC47M14X Datasheet HTML 144Page - SMSC Corporation LPC47M14X Datasheet HTML 145Page - SMSC Corporation LPC47M14X Datasheet HTML 146Page - SMSC Corporation LPC47M14X Datasheet HTML 147Page - SMSC Corporation LPC47M14X Datasheet HTML 148Page - SMSC Corporation LPC47M14X Datasheet HTML 149Page - SMSC Corporation LPC47M14X Datasheet HTML 150Page - SMSC Corporation LPC47M14X Datasheet HTML 151Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 205 page
background image
SMSC DS – LPC47M14X
Page 147
Rev. 03/19/2001
NAME
REG OFFSET
(hex)
DESCRIPTION
GP5
Default = 0x00
on VTR POR
Bit 3 is reset on VCC
POR, Hard Reset
and VTR POR
4F
(R/W)
General Purpose I/0 Data Register 5
Bit[0] GP50
Bit[1] GP51
Bit[2] GP52
Bit[3] GP53
Bit[4] GP54
Bit[5] GP55
Bit[6] GP56
Bit[7] GP57
GP6
Default = 0x00
on VTR POR
50
(R/W)
General Purpose I/0 Data Register 6
Bit[0] GP60
Bit[1] GP61
Bit[7:2] Reserved
N/A
51
(R)
Reserved – reads return 0
N/A
52
(R)
Reserved – reads return 0
N/A
53
(R)
Reserved – reads return 0
INT_GEN1
Default = 0xFF
on VCC POR and
HARD RESET
54
(R/W)
Interrupt Generating Register 1 (Note 8)
0=Corresponding Interrupt frame driven low in the SER
IRQ stream. This must be enabled through the INT_G
Configuration Register.
Bit[0] Reserved
Bit[1] nINT1
Bit[2] nINT2
Bit[3] nINT3
Bit[4] nINT4
Bit[5] nINT5
Bit[6] nINT6
Bit[7] nINT7
Note:
To enable/disable this register see Logical
Device A (0xF1)
INT_GEN2
Default = 0xFF
on VCC POR and
HARD RESET
55
(R/W)
Interrupt Generating Register 2 (Note 8)
0=Corresponding Interrupt frame driven low in the SER
IRQ stream. This must be enabled through the INT_G
Configuration Register.
Bit[0] nINT8
Bit[1] nINT9
Bit[2] nINT10
Bit[3] nINT11
Bit[4] nINT12
Bit[5] nINT13
Bit[6] nINT14
Bit[7] nINT15
Note:
To enable/disable this register see Logical
Device A (0xF1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com