Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 149 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 149 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 145Page - SMSC Corporation LPC47M14X Datasheet HTML 146Page - SMSC Corporation LPC47M14X Datasheet HTML 147Page - SMSC Corporation LPC47M14X Datasheet HTML 148Page - SMSC Corporation LPC47M14X Datasheet HTML 149Page - SMSC Corporation LPC47M14X Datasheet HTML 150Page - SMSC Corporation LPC47M14X Datasheet HTML 151Page - SMSC Corporation LPC47M14X Datasheet HTML 152Page - SMSC Corporation LPC47M14X Datasheet HTML 153Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 205 page
background image
SMSC DS – LPC47M14X
Page 149
Rev. 03/19/2001
NAME
REG OFFSET
(hex)
DESCRIPTION
Fan Control
Default = 0x50
on VTR POR
58
(R/W)
Fan Control Register
Bit[0] Fan 1 Clock Source Select
This bit and the Fan 1 Clock Multiplier bit is used with
The Fan 1 Clock Select bit in the Fan 1 register (0x56) to
determine the fan speed FOUT.
See Table 57
–
Different Modes for Fan in “Fan Speed Control and
Monitoring” section.
Bit[1] Fan 2 Clock Source Select
This bit and the Fan 2 Clock Multiplier bit is used with
The Fan 2 Clock Select bit in the Fan 2 register (0x57) to
determine the fan speed FOUT.
See Table 57
–
Different Modes for Fan in “Fan Speed Control and
Monitoring” section.
Bit[2] Fan 1 Clock multiplier
0=No multiplier used
1=Double the fan speed selected by bit 0 of this
register and bit 7 of the FAN1
register
Bit[3] Fan 2 Clock multiplier
0=No multiplier used
1=Double the fan speed selected by bit 1 of this
register and bit 7 of the FAN2 register
Bit[5:4] The FAN1 count divisor. Clock scalar for
adjusting the tachometer count. Default = 2.
00: divisor = 1
01: divisor = 2
10: divisor = 4
11: divisor = 8
Bit[7:6] The FAN2 count divisor. Clock scalar for
adjusting the tachometer count. Default = 2.
00: divisor = 1
01: divisor = 2
10: divisor = 4
11: divisor = 8
Fan1 Tachometer
Register
Default = 0x00
on VTR POR
59
(R)
Fan Tachometer Register 1
Bit]7:0] The 8-bit FAN1 tachometer count. The number
of counts of the internal clock per pulse of the fan. The
count value is computed from Equation 1. This value is
the final (maximum) count of the previous pulse
(latched). The value in this register may not be valid for
up to 2 pulses following a write to the preload register.
Fan2 Tachometer
Register
Default = 0x00
on VTR POR
5A
(R)
Fan Tachometer Register 2
Bit[7:0] The 8-bit FAN2 tachometer count. The number
of counts of the internal clock per pulse of the fan. The
count value is computed from Equation 1. This value is
the final (maximum) count of the previous pulse
(latched). The value in this register may not be valid for
up to 2 pulses following a write to the preload register.
Fan1 Preload
Register
Default = 0x00
on VTR POR
5B
(R/W)
Fan Preload Register 1
Bit[7:0] The FAN1 tachometer preload. This is the initial
value used in the computation of the FAN1 count.
Writing this register resets the tachometer count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com