Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 153 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 153 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 149Page - SMSC Corporation LPC47M14X Datasheet HTML 150Page - SMSC Corporation LPC47M14X Datasheet HTML 151Page - SMSC Corporation LPC47M14X Datasheet HTML 152Page - SMSC Corporation LPC47M14X Datasheet HTML 153Page - SMSC Corporation LPC47M14X Datasheet HTML 154Page - SMSC Corporation LPC47M14X Datasheet HTML 155Page - SMSC Corporation LPC47M14X Datasheet HTML 156Page - SMSC Corporation LPC47M14X Datasheet HTML 157Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 205 page
background image
SMSC DS – LPC47M14X
Page 153
Rev. 03/19/2001
CONFIGURATION SEQUENCE
To program the configuration registers, the following sequence must be followed:
1) Enter Configuration Mode
2) Configure the Configuration Registers
3) Exit Configuration Mode.
Enter Configuration Mode
To place the chip into the Configuration State the Config Key is sent to the chip's CONFIG PORT. The config key
consists of 0x55 written to the CONFIG PORT. Once the configuration key is received correctly the chip enters into the
Configuration State (The auto Config ports are enabled).
Configuration Mode
The system sets the logical device information and activates desired logical devices through the INDEX and DATA ports.
In configuration mode, the INDEX PORT is located at the CONFIG PORT address and the DATA PORT is at INDEX
PORT address + 1.
The desired configuration registers are accessed in two steps:
a) Write the index of the Logical Device Number Configuration Register (i.e., 0x07) to the INDEX PORT and then write
the number of the desired logical device to the DATA PORT
b) Write the address of the desired configuration register within the logical device to the INDEX PORT and then write or
read the configuration register through the DATA PORT.
Note: If accessing the Global Configuration Registers, step (a) is not required.
Exit Configuration Mode
To exit the Configuration State the system writes 0xAA to the CONFIG PORT. The chip returns to the RUN State.
Note: Only two states are defined (Run and Configuration). In the Run State the chip will always be ready to enter the
Configuration State.
Programming Example
The following is an example of a configuration program in Intel 8086 assembly language.
;----------------------------.
; ENTER CONFIGURATION MODE |
;----------------------------'
MOV
DX,02EH
MOV
AX,055H
OUT
DX,AL
;----------------------------.
; CONFIGURE REGISTER CRE0, |
; LOGICAL DEVICE 8
|
;----------------------------'
MOV
DX,02EH
MOV
AL,07H
OUT
DX,AL ;Point to LD# Config Reg
MOV
DX,02FH
MOV
AL, 08H
OUT
DX,AL;Point to Logical Device 8
;
MOV
DX,02EH
MOV
AL,E0H
OUT
DX,AL
; Point to CRE0
MOV
DX,02fH
MOV
AL,02H
OUT
DX,AL
; Update CRE0
;-----------------------------.
; EXIT CONFIGURATION MODE
|
;-----------------------------'
MOV
DX,02EH
MOV
AX,0AAH
OUT
DX,AL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com