Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 155 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 155 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 151Page - SMSC Corporation LPC47M14X Datasheet HTML 152Page - SMSC Corporation LPC47M14X Datasheet HTML 153Page - SMSC Corporation LPC47M14X Datasheet HTML 154Page - SMSC Corporation LPC47M14X Datasheet HTML 155Page - SMSC Corporation LPC47M14X Datasheet HTML 156Page - SMSC Corporation LPC47M14X Datasheet HTML 157Page - SMSC Corporation LPC47M14X Datasheet HTML 158Page - SMSC Corporation LPC47M14X Datasheet HTML 159Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 205 page
background image
SMSC DS – LPC47M14X
Page 155
Rev. 03/19/2001
INDEX
TYPE
HARD
RESET
VCC POR
VTR POR
SOFT
RESET
CONFIGURATION REGISTER
LOGICAL DEVICE 4 CONFIGURATION REGISTERS (Serial Port 1)
0x30
R/W
0x00
0x00
0x00
0x00
Activate
0x60,
0x61
R/W
0x00,
0x00
0x00,
0x00
0x00,
0x00
0x00,
0x00
Primary Base I/O Address
0x70
R/W
0x00
0x00
0x00
0x00
Primary Interrupt Select
0xF0
R/W
0x00
0x00
0x00
-
Serial Port 1 Mode Register
LOGICAL DEVICE 5 CONFIGURATION REGISTERS (Serial Port 2)
0x30
R/W
-
-
0x00
-
Activate
0x60,
0x61
R/W
0x00,
0x00
0x00,
0x00
0x00,
0x00
0x00,
0x00
Primary Base I/O Address
0x62,
0x63
R
-
-
-
-
Reserved – reads return 0
0x70
R/W
0x00
0x00
0x00
0x00
Primary Interrupt Select
0x74
R
-
-
-
-
Reserved – reads return 0
0xF0
R/W
0x00
0x00
0x00
-
Serial Port 2 Mode Register
0xF1
R/W
0x02
0x02
0x02
-
IR Options Register
0xF2
R/W
0x03
0x03
0x03
-
IR Half Duplex Timeout
LOGICAL DEVICE 6 CONFIGURATION REGISTERS (Reserved)
LOGICAL DEVICE 7 CONFIGURATION REGISTERS (Keyboard)
0x30
R/W
0x00
0x00
0x00
0x00
Activate
0x70
R/W
0x00
0x00
0x00
0x00
Primary Interrupt Select
0x72
R/W
0x00
0x00
0x00
0x00
Second Interrupt Select
0xF0
R/W
0x00
0x00
0x00
-
KRESET and GateA20 Select
LOGICAL DEVICE 8 CONFIGURATION REGISTERS (Reserved)
LOGICAL DEVICE 9 CONFIGURATION REGISTERS (Game Port)
0x30
R/W
0x00
0x00
0x00
0x00
Activate
0x60,
0x61
R/W
0x00,
0x00
0x00,
0x00
0x00,
0x00
0x00,
0x00
Primary Base I/O Address,
GAME_PORT
LOGICAL DEVICE A CONFIGURATION REGISTERS (PME)
0x30
R/W
0x00
0x00
0x00
0x00
Activate
0x60,
0x61
R/W
0x00,
0x00
0x00,
0x00
0x00,
0x00
0x00,
0x00
Primary Base I/O Address
0XF0
R/W
-
-
0X00
-
CLOCKI32
0xF1
R/W
0x00
0x00
0x00
0x00
INT_G Register
LOGICAL DEVICE B CONFIGURATION REGISTERS (MPU-401)
0x30
R/W
0x00
0x00
0x00
0x00
Activate
0x60,
R/W
0x03
0x03
0x03
0x03
MPU-401
Primary
Base
I/O
Address High Byte
0x61
R/W
0x30
0x30
0x30
0x30
MPU-401
Primary
Base
I/O
Address Low Byte
0x70
R/W
0x05
0x05
0x05
0x05
Primary Interrupt Select
0xF0
-
-
-
-
-
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com