Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 158 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 158 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 154Page - SMSC Corporation LPC47M14X Datasheet HTML 155Page - SMSC Corporation LPC47M14X Datasheet HTML 156Page - SMSC Corporation LPC47M14X Datasheet HTML 157Page - SMSC Corporation LPC47M14X Datasheet HTML 158Page - SMSC Corporation LPC47M14X Datasheet HTML 159Page - SMSC Corporation LPC47M14X Datasheet HTML 160Page - SMSC Corporation LPC47M14X Datasheet HTML 161Page - SMSC Corporation LPC47M14X Datasheet HTML 162Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 205 page
background image
SMSC DS – LPC47M14X
Page 158
Rev. 03/19/2001
REGISTER
ADDRESS
DESCRIPTION
STATE
Chip Level
Vendor Defined
0x25
Reserved - Writes are ignored, reads return 0.
Configuration
Address Byte 0
Default
=0x2E (Sysopt=0)
=0x4E (Sysopt=1)
on VCC POR and
HARD RESET
0x26
Bit[7:1] Configuration Address Bits [7:1]
Bit[0] = 0
See Note 2
C
Configuration
Address Byte 1
Default = 0x00
on VCC POR and
HARD RESET
0x27
Bit[7:0] Configuration Address Bits [15:8]
See Note 2
C
Default = 0x00
on VCC POR,
SOFT RESET and
HARD RESET
0x28
Bits[7:0] Reserved - Writes are ignored, reads return
0.
Chip Level
Vendor Defined
0x29
Reserved - Writes are ignored, reads return 0.
TEST 6
Default = 0x00, on
VCC POR and
VTR POR
0x2A R/W
Test Modes: Reserved for SMSC. Users should not
write to this register, may produce undesired results.
TEST 4
Default = 0x00, on
VCC POR and
VTR POR
0x2B R/W
Test Modes: Reserved for SMSC. Users should not
write to this register, may produce undesired results.
C
TEST 5
Default = 0x00, on
VCC POR and
VTR POR
0x2C R/W
Bit[7] Test Mode: Reserved for SMSC.
Users
should not write to this bit, may produce undesired
results.
Bit[6] 8042 Reset:
1 = put the 8042 into reset
0 = take the 8042 out of reset
Bits[5:0] Test Mode: Reserved for SMSC. Users
should not write to this bit, may produce undesired
results.
C
TEST 1
Default = 0x00, on
VCC POR and
VTR POR
0x2D R/W
Test Modes: Reserved for SMSC. Users should not
write to this register, may produce undesired results.
C
TEST 2
Default = 0x00, on
VCC POR and
VTR POR
0x2E R/W
Test Modes: Reserved for SMSC. Users should not
write to this register, may produce undesired results.
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com