Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 161 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 161 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 157Page - SMSC Corporation LPC47M14X Datasheet HTML 158Page - SMSC Corporation LPC47M14X Datasheet HTML 159Page - SMSC Corporation LPC47M14X Datasheet HTML 160Page - SMSC Corporation LPC47M14X Datasheet HTML 161Page - SMSC Corporation LPC47M14X Datasheet HTML 162Page - SMSC Corporation LPC47M14X Datasheet HTML 163Page - SMSC Corporation LPC47M14X Datasheet HTML 164Page - SMSC Corporation LPC47M14X Datasheet HTML 165Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 205 page
background image
SMSC DS – LPC47M14X
Page 161
Rev. 03/19/2001
Table 65 – I/O Base Address Configuration Register Description
LOGICAL
DEVICE
NUMBER
LOGICAL
DEVICE
REGISTER
INDEX
BASE I/O
RANGE
(NOTE 1)
FIXED
BASE OFFSETS
0x00
FDC
0x60,0x61
[0x0100:0x0FF8]
ON 8 BYTE BOUNDARIES
+0 : SRA
+1 : SRB
+2 : DOR
+3 : TSR
+4 : MSR/DSR
+5 : FIFO
+7 : DIR/CCR
0x01
Reserved
n/a
n/a
n/a
0x02
Reserved
n/a
n/a
n/a
[0x0100:0x0FFC]
ON 4 BYTE BOUNDARIES
(EPP Not supported)
or
[0x0100:0x0FF8]
ON 8 BYTE BOUNDARIES
+0 : Data/ecpAfifo
+1 : Status
+2 : Control
+400h : cfifo/ecpDfifo/tfifo/cnfgA
+401h : cnfgB
+402h : ecr
0x03
Parallel
Port
0x60,0x61
(all modes supported,
EPP is only available when
the base address is on an 8-
byte boundary)
+3 : EPP Address
+4 : EPP Data 0
+5 : EPP Data 1
+6 : EPP Data 2
+7 : EPP Data 3
0x04
Serial Port 1
0x60,0x61
[0x0100:0x0FF8]
ON 8 BYTE BOUNDARIES
+0 : RB/TB/LSB div
+1 : IER/MSB div
+2 : IIR/FCR
+3 : LCR
+4 : MSR
+5 : LSR
+6 : MSR
+7 : SCR
0x05
Serial Port 2
0x60,0x61
[0x0100:0x0FF8]
ON 8 BYTE BOUNDARIES
+0 : RB/TB/LSB div
+1 : IER/MSB div
+2 : IIR/FCR
+3 : LCR
+4 : MSR
+5 : LSR
+6 : MSR
+7 : SCR
0x06
Reserved
n/a
n/a
n/a
0x07
KYBD
n/a
Not Relocatable
Fixed Base Address: 60,64
+0 : Data Register
+4 : Command/Status Reg.
0x08
Reserved
n/a
n/a
n/a
0x09
Game Port
0x60,0x61
[0x0100:0x0FFF]
on 1 byte boundaries
+00: Game Port Register
0x0A
Runtime
Register
Block
0x60,0x61
[0x0000:0x0F7F]
on 128-byte boundaries
+00 : PME Status
.
.
.
+5F : Keyboard Scan Code
(See Table in “Runtime Registers”
section for Full List)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com