Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 165 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 165 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 161Page - SMSC Corporation LPC47M14X Datasheet HTML 162Page - SMSC Corporation LPC47M14X Datasheet HTML 163Page - SMSC Corporation LPC47M14X Datasheet HTML 164Page - SMSC Corporation LPC47M14X Datasheet HTML 165Page - SMSC Corporation LPC47M14X Datasheet HTML 166Page - SMSC Corporation LPC47M14X Datasheet HTML 167Page - SMSC Corporation LPC47M14X Datasheet HTML 168Page - SMSC Corporation LPC47M14X Datasheet HTML 169Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 205 page
background image
SMSC DS – LPC47M14X
Page 165
Rev. 03/19/2001
Table 68 – Floppy Disk Controller, Logical Device 0 [Logical Device Number = 0x00]
NAME
REG INDEX
DEFINITION
STATE
FDD0
Default = 0x00
on VCC POR,
VTR POR and
HARD RESET
0xF4 R/W
Bits[1:0] Drive Type Select: DT1, DT0
Bits[2] Read as 0 (read only)
Bits[4:3] Data Rate Table Select: DRT1, DRT0
Bits[5] Read as 0 (read only)
Bits[6] Precompensation Disable PTS
=0 Use Precompensation
=1 No Precompensation
Bits[7] Read as 0 (read only)
C
FDD1
0xF5 R/W
Refer to definition and default for 0xF4
C
Table 69 – Parallel Port, Logical Device 3 [Logical Device Number = 0x03]
NAME
REG INDEX
DEFINITION
STATE
PP Mode Register
Default = 0x3C
on VCC POR,
VTR POR and
HARD RESET
0xF0 R/W
Bits[2:0] Parallel Port Mode
= 100
Printer Mode (default)
= 000
Standard and Bi-directional (SPP) Mode
= 001
EPP-1.9 and SPP Mode
= 101
EPP-1.7 and SPP Mode
= 010
ECP Mode
= 011
ECP and EPP-1.9 Mode
= 111
ECP and EPP-1.7 Mode
Bit[6:3] ECP FIFO Threshold
0111b (default)
Bit[7] PP Interrupt Type
Not valid when the parallel port is in the Printer
Mode (100) or the Standard & Bi-directional Mode
(000).
= 1
Pulsed Low, released to high-Z.
= 0
IRQ follows nACK when parallel port in EPP
Mode or [Printer, SPP, EPP] under ECP.
IRQ level type when the parallel port is in ECP, TEST,
or Centronics FIFO Mode.
C
PP Mode Register 2
Default = 0x00
on VCC POR,
VTR POR and
HARD RESET
0xF1 R/W
Bits[3:0] Reserved. Set to zero
Bit [4] TIMEOUT_SELECT
= 0
TMOUT (EPP Status Reg.) cleared on write of
‘1’ to TMOUT.
= 1
TMOUT cleared on trailing edge of read of
EPP Status Reg.
Bits[7:5] Reserved. Set to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com