Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 168 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 168 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 164Page - SMSC Corporation LPC47M14X Datasheet HTML 165Page - SMSC Corporation LPC47M14X Datasheet HTML 166Page - SMSC Corporation LPC47M14X Datasheet HTML 167Page - SMSC Corporation LPC47M14X Datasheet HTML 168Page - SMSC Corporation LPC47M14X Datasheet HTML 169Page - SMSC Corporation LPC47M14X Datasheet HTML 170Page - SMSC Corporation LPC47M14X Datasheet HTML 171Page - SMSC Corporation LPC47M14X Datasheet HTML 172Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 205 page
background image
SMSC DS – LPC47M14X
Page 168
Rev. 03/19/2001
Table 72 – KYBD, Logical Device 7 [Logical Device Number = 0x07]
NAME
REG INDEX
DEFINITION
STATE
KRST_GA20
Default = 0x00
on VCC POR,
VTR POR and
HARD RESET
Bits[6:5] reset on
VTR POR only
0xF0
R/W
KRESET and GateA20 Select
Bit[7] Polarity Select for P12
= 0 P12 active low (default)
= 1 P12 active high
Bit[6] M_ISO. Enables/disables isolation of mouse
signals into 8042. Does not affect MDAT signal to
mouse wakeup (PME) logic.
1=block mouse clock and data signals into 8042
0= do not block mouse clock and data signals into
8042
Bit[5] K_ISO. Enables/disables isolation of keyboard
signals into 8042. Does not affect KDAT signal to
keyboard wakeup (PME) logic.
1=block keyboard clock and data signals into 8042
0= do not block keyboard clock and data signals into
8042
Bit[4] MLATCH
= 0
MINT is the 8042 MINT ANDed with Latched
MINT (default)
= 1 MINT is the latched 8042 MINT
Bit[3] KLATCH
= 0
KINT is the 8042 KINT ANDed with Latched
KINT (default)
= 1 KINT is the latched 8042 KINT
Bit[2] Port 92 Select
= 0 Port 92 Disabled
= 1 Port 92 Enabled
Bit[1] Reserved
Bit[0] Reserved
0xF1 -
0xFF
Reserved - read as ‘0’
Table 73 – PME, Logical Device A [Logical Device Number = 0x0A]
NAME
REG INDEX
DEFINITION
NOTES
CLKI32
Default = 0x00
on VTR POR
0xF0
R/W
Bit[7:2] Reserved
Bit [1]
SPEKEY_EN. This bit is used to turn the logic
for the “wake on specific key” feature on and
off. It will disable the 32kHz clock input to the
logic when turned off. The logic will draw no
power when disabled.
0 = “Wake on specific key” logic is on
(default)
1 = “Wake on specific key” logic is off
Bit [0]
SMSC Reserved (default = 0)
Note:
Bit [0] should always be zero.
If this is
changed, the Fan Tachometer, the Wake on Specific
Key, and the LED blink will not function if the 14MHz
clock is removed.
Eng.
Note 2
Eng.
Note 3
Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com