Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 172 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 172 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 168Page - SMSC Corporation LPC47M14X Datasheet HTML 169Page - SMSC Corporation LPC47M14X Datasheet HTML 170Page - SMSC Corporation LPC47M14X Datasheet HTML 171Page - SMSC Corporation LPC47M14X Datasheet HTML 172Page - SMSC Corporation LPC47M14X Datasheet HTML 173Page - SMSC Corporation LPC47M14X Datasheet HTML 174Page - SMSC Corporation LPC47M14X Datasheet HTML 175Page - SMSC Corporation LPC47M14X Datasheet HTML 176Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 205 page
background image
SMSC DS – LPC47M14X
Page 172
Rev. 03/19/2001
9
OPERATIONAL DESCRIPTION
9.1
MAXIMUM GUARANTEED RATINGS
Operating Temperature Range........................................................................................................................... 0
oC to +70oC
Storage Temperature Range............................................................................................................................-55
o to +150oC
Lead Temperature Range ............................................................................................... Refer to JEDEC Spec. J-STD-020
Positive Voltage on any pin, with respect to Ground.................................................................................................Vcc+0.3V
Negative Voltage on any pin, with respect to Ground.....................................................................................................-0.3V
Maximum Vcc...................................................................................................................................................................+5.5V
Note: Stresses above those listed above could cause permanent damage to the device. This is a stress rating only and
functional operation of the device at any other condition above those indicated in the operation sections of this
specification is not implied.
Note: When powering this device from laboratory or system power supplies, it is important that the Absolute Maximum
Ratings not be exceeded or device failure can result. Some power supplies exhibit voltage spikes on their outputs when
the AC power is switched on or off. In addition, voltage transients on the AC power line may appear on the DC output.
If this possibility exists, it is suggested that a clamp circuit be used.
9.2
DC ELECTRICAL CHARACTERISTICS
(TA = 0°C - 70°C, Vcc = +3.3 V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
I Type Input Buffer
Low Input Level
High Input Level
VILI
VIHI
2.0
0.8
V
V
TTL Levels
IS Type Input Buffer
Low Input Level
High Input Level
Schmitt Trigger Hysteresis
VILIS
VIHIS
VHYS
2.2
100
0.8
V
V
mV
Schmitt Trigger
Schmitt Trigger
Input Leakage, I and IS
Buffers
Low Input Leakage
High Input Leakage
IIL
IIH
-10
-10
+10
+10
µA
µA
VIN = 0
VIN = VCC
O6 Type Buffer
Low Output Level
High Output Level
VOL
VOH
2.4
0.4
V
V
IOL = 6mA
IOH = -3mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com