Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 175 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 175 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 171Page - SMSC Corporation LPC47M14X Datasheet HTML 172Page - SMSC Corporation LPC47M14X Datasheet HTML 173Page - SMSC Corporation LPC47M14X Datasheet HTML 174Page - SMSC Corporation LPC47M14X Datasheet HTML 175Page - SMSC Corporation LPC47M14X Datasheet HTML 176Page - SMSC Corporation LPC47M14X Datasheet HTML 177Page - SMSC Corporation LPC47M14X Datasheet HTML 178Page - SMSC Corporation LPC47M14X Datasheet HTML 179Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 205 page
background image
SMSC DS – LPC47M14X
Page 175
Rev. 03/19/2001
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
IOUSB Output Levels:
Static Output Low
(Note 3)
VOL
0.0
0.3
V
RL of 15 K
Ω to
GND
Static Output High
(Note 3)
VOH
2.8
3.6
V
RL of 1.5 K
Ω to
3.6V
Output Signal Crossover
Voltage
(Note 3)
VCRS
1.3
2.0
V
VCC Supply Current Active
ICCI
20
mA
All outputs open,
all inputs at a fixed
state (i.e., 0V or
3.3V.
Trickle Supply Voltage
VTR
VCC
min
-.5V
VCC
max
V
VCC must not be
greater
than
.5V
above VTR
VTR Supply Current Active
ITRI
4
20
mA
All outputs ,
all inputs at a fixed
state (i.e., 0V or
3.3V.
Reference Voltage
VREF
5.5
V
VREF can be either
3.3V (nominal) or
5V (nominal)
VREF Supply Current Active
IRFI
8
mA
All outputs open,
all inputs at a fixed
state (i.e., 0V or
3.3V.
Note 1: All output leakage’s are measured with the current pins in high impedance
Note 2: Output leakage is measured with the low driving output off, either for a high level output or a high impedance
state.
Note 3: Voltages are measured from the local ground potential, unless otherwise specified.
Note 4: This minimum value is referred to as VIL in the USB Spec 1.1
Note 5: This maximum value is referred to as VIH in the USB Spec 1.1
Note 6: This input sensitivity is valid when both differential data inputs are in the differential common
mode range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com