Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 179 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 179 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 175Page - SMSC Corporation LPC47M14X Datasheet HTML 176Page - SMSC Corporation LPC47M14X Datasheet HTML 177Page - SMSC Corporation LPC47M14X Datasheet HTML 178Page - SMSC Corporation LPC47M14X Datasheet HTML 179Page - SMSC Corporation LPC47M14X Datasheet HTML 180Page - SMSC Corporation LPC47M14X Datasheet HTML 181Page - SMSC Corporation LPC47M14X Datasheet HTML 182Page - SMSC Corporation LPC47M14X Datasheet HTML 183Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 205 page
background image
SMSC DS – LPC47M14X
Page 179
Rev. 03/19/2001
PARAMETER
SYM
CONDITIONS
(NOTES 1, 2, 3)
MIN
MAX
UNIT
Differential Rise/Fall Time
Matching
TRFM
(TR/TF)
Note 9
90
111.11
%
Drive Output Impedance
ZDRV
Steady State Drive
28
44
Ω
DRIVER CHARACTERISTICS (Low-Speed)
Transition Time:
Rise Time
Fall Time
TR
TF
Note 4,5 and FIGURE 10
FIGURE 12
FIGURE 12
75
75
300
300
ns
ns
Differential Rise/Fall Time
Matching
TRFM
(TR/TF)
Note 9
80
125
%
DATA TRANSFER TIMINGS
Full Speed Data Rate
TDRATE
Notes 8, 10, & 12
11.9700
12.0300
Mbs
Frame Interval
TFRAME
Note 8
0.9995
1.0005
ms
Clock Period
TPERIOD
Note 10
80
86
ns
Source
Jitter
Total
(including
frequency
tolerance):
To next Transition
For Paired Transitions
TDJ1
TDJ2
Note 6, 7, & 9
FIGURE 14
-3.5
-4.0
3.5
4.0
ns
ns
Source
Jitter
for
Differential Transition to
SEO Transition
TDEOP
Note 7 and FIGURE 15
-2
5
ns
Receiver Jitter:
To next Transition
For Paired Transitions
TJR1
TJR2
Note 7 and FIGURE 16
-18.5
-9
18.5
9.0
ns
ns
Source SEO interval of
EOP
TEOPT
Note 7 and FIGURE 15
160
175
ns
Receiver SEO interval of
EOP
TEOPR
Note 7 and FIGURE 15
82
ns
Width of SEO interval
during
differential
transition
TFST
Note 11
14
ns
Note 1: All voltages are measured from the local ground potential, unless otherwise specified.
Note 2: All timing use a capacitive load (CL) to ground of 50pF, unless otherwise specified.
Note 3: Full speed timings have a 1.5K
Ω pull-up to a voltage of 3.0V - 3.6V on the D+ data line.
Note 4: Measured from 10% to 90% of the data signals.
Note 5: The rising and falling edges should be smoothly transitioning (monotonic).
Note 6: Timing differences between the differential data signals.
Note 7: Measured at crossover point of differential data signals.
Note 8: For a more detailed description of the Data Signaling Rate and the Frame Interval see sections 7.1.11 and
7.1.12 in the USB Spec 1.1.
Note 9: Excluding the first transition from the idle state.
Note 10: The accuracy of the host controller’s data rate must be known and controlled to better than
±0.05%
Note 11: During differential signal transitions both PD+ and PD- may temporarily be less that
VIH(min). This period can be up to 14ns.
Note 12: The data-rate tolerance for host, hub, and full-speed functions is
±0.25%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com