Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 150 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 150 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 146Page - SMSC Corporation LPC47M14X Datasheet HTML 147Page - SMSC Corporation LPC47M14X Datasheet HTML 148Page - SMSC Corporation LPC47M14X Datasheet HTML 149Page - SMSC Corporation LPC47M14X Datasheet HTML 150Page - SMSC Corporation LPC47M14X Datasheet HTML 151Page - SMSC Corporation LPC47M14X Datasheet HTML 152Page - SMSC Corporation LPC47M14X Datasheet HTML 153Page - SMSC Corporation LPC47M14X Datasheet HTML 154Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 205 page
background image
SMSC DS – LPC47M14X
Page 150
Rev. 03/19/2001
NAME
REG OFFSET
(hex)
DESCRIPTION
Fan2 Preload
Register
Default = 0x00
on VTR POR
5C
(R/W)
Fan Preload Register 2
Bit[7:0] The FAN2 tachometer preload. This is the initial
value used in the computation of the FAN2 count.
Writing this register resets the tachometer count.
LED1
Default = 0x00
on VTR POR
5D
(R/W)
LED1
Bit[1:0] LED1 Control
00=off
01=blink at 1Hz rate with a 50% duty cycle (0.5 sec on,
0.5 sec off)
10=Blink at ½ HZ rate with a 25% duty cycle (0.5 sec on,
1.5 sec off)
11=on
Bits[7:2] Reserved
LED2
Default = 0x00
on VTR POR
5E
(R/W)
LED2
Bit[1:0] LED2 Control
00=off
01=blink at 1Hz rate with a 50% duty cycle (0.5 sec on,
0.5 sec off)
10=Blink at ½ HZ rate with a 25% duty cycle (0.5 sec on,
1.5 sec off)
11=on
Bits[7:2] Reserved
Keyboard Scan
Code
Default = 0x00
on VTR POR
5F
(R/W)
Keyboard Scan Code
Bit[0] LSB of Scan Code
. . .
. . .
. . .
Bit[7] MSB of Scan Code
N/A
60-7F
(R)
Reserved – reads return 0
Note 1: If the EETI function is selected for this GPIO then both a high-to-low and a low-to-high edge will set the PME,
SMI and MSC status bits.
Note 2: The IRTX2 function can be used on this pin if the IR Location Mux bit in the Serial Port 2 IR Option register is
set.
Note 3: These pins default to an output and LOW on VCC POR and Hard Reset.
Note 4: If the FDC function is selected on this pin (nMTR1, nDS1, DRVDEN0, DRVDEN1) then bit 6 of the FDD
Mode Register (Configuration Register 0xF0 in Logical Device 0) will override bit 7 in the GPIO Control Register. Bit
7 of the FDD Mode Register will also affect the pin if the FDC function is selected.
Note 5: The nIO_SMI pin is inactive when the internal group SMI signal is inactive and when the SMI enable bit
(EN_SMI, bit 7 of the SMI_EN2 register) is ‘0’. When the output buffer type is OD, nIO_SMI pin is floating when
inactive; when the output buffer type is push-pull, the nIO_SMI pin is high when inactive.
Note 6: Bits 2 and 3 of the PME_STS4 and SMI_STS4 registers, and bit 3 of the PME_STS5 register may be set on
a VCC POR. If GP32, GP33 and GP53 are configured as input, then their corresponding PME and SMI status bits
will be set on a VCC POR. Also, GP32 and GP33 pins revert to their non-inverting GPIO input function when VCC is
removed from the part. These GPIOs cannot be used for PME wakeup when the part is under VTR power (VCC=0).
Note 7: These bits are R/W but have no effect on circuit operation.
Note 8: These bits when read indicate the current bit status. These bits are set to “0” by writing “0” to individual bit
locations in this register. Producing an interrupt in the SER IRQ stream by setting these bits to “0” overrides other
interrupt sources for the SER IRQ stream. No other functional logic in the LPC47M14X sets bits in this register.
These bits are only cleared by writing a ‘1’ to the bit location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com