Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 136 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 136 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 132Page - STMicroelectronics STM32MP151A Datasheet HTML 133Page - STMicroelectronics STM32MP151A Datasheet HTML 134Page - STMicroelectronics STM32MP151A Datasheet HTML 135Page - STMicroelectronics STM32MP151A Datasheet HTML 136Page - STMicroelectronics STM32MP151A Datasheet HTML 137Page - STMicroelectronics STM32MP151A Datasheet HTML 138Page - STMicroelectronics STM32MP151A Datasheet HTML 139Page - STMicroelectronics STM32MP151A Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 253 page
background image
Table 21. Current consumption (IDD) in Run mode(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
MPU SS mode
MCU
SS
mode
Oscillator
Tj =
25 °C
Tj =
25 °C
Tj =
85 °C
Tj =
105 °C
Tj =
125 °C
IDD
Supply current in Run mode
CRun
CRun
HSE+HSI+LSI+PLL1,2,3,4
3.95
6.146.406.506.60
mA
IDD
Supply current in Run mode
CRun
CStop
HSI+PLL1,2
3.004.674.905.005.10
mA
HSE+HSI
1.753.453.483.493.50
HSI
1.252.462.482.492.50
1. HSE = 24 MHz.
Table 22. Current consumption in Stop mode(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
-
MPU SS
mode
MCU SS
mode
Tj =
25 °C
Tj =
85 °C
Tj =
105 °C
Tj =
125 °C
Tj =
25 °C
Tj =
85 °C
Tj =
105 °C
Tj =
125 °C
IDD
Supply
current in
Stop mode
All peripherals
disabled
CStop
CStop
980
985
985
995
1500
1560
1580
1600
µA
All peripherals
disabled
CStandby
CStop
980
985
985
995
1500
1560
1580
1600
IDDCORE
All peripherals
disabled
CStop
CStop
19000
90500
150000
230000
55000
261000 425000 585000
All peripherals
disabled
CStandby
CStop
19000
90000
150000
225000
54500
261000 425000 585000
1. HSE = 24 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com