Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 140 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 140 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 136Page - STMicroelectronics STM32MP151A Datasheet HTML 137Page - STMicroelectronics STM32MP151A Datasheet HTML 138Page - STMicroelectronics STM32MP151A Datasheet HTML 139Page - STMicroelectronics STM32MP151A Datasheet HTML 140Page - STMicroelectronics STM32MP151A Datasheet HTML 141Page - STMicroelectronics STM32MP151A Datasheet HTML 142Page - STMicroelectronics STM32MP151A Datasheet HTML 143Page - STMicroelectronics STM32MP151A Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 253 page
background image
IDDVBAT
Supply
current in
VBAT mode
Backup SRAM ON,
RTC ON,. LSE ON,
medium_high drive
Retention
RAM ON
1.6
74
405
760
1250
-
-
-
-
µA
2.4
76
410
765
1250
-
-
-
-
3
81
420
785
1300
-
-
-
-
3.3
79
430
795
1300
-
-
-
-
3.6
84.5
435
815
1350
180
850
1350
2000
Backup SRAM ON,
RTC ON, LSE ON,
high drive
1.6
75.5
405
770
1250
-
-
-
-
2.4
75.5
410
770
1250
-
-
-
-
3
76
425
790
1300
-
-
-
-
3.3
78
435
805
1300
-
-
-
-
3.6
84.5
440
820
1350
180
870
1350
2000
Table 25. Current consumption in VBAT mode (continued)
Symbol
Parameter
Conditions
Typ
Max
Unit
-
VBAT (V)
Tj =
25 °C
Tj =
85 °C
Tj =
105 °C
Tj =
125 °C
Tj =
25 °C
Tj =
85 °C
Tj =
105 °C
Tj =
125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com