Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 137 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 137 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 133Page - STMicroelectronics STM32MP151A Datasheet HTML 134Page - STMicroelectronics STM32MP151A Datasheet HTML 135Page - STMicroelectronics STM32MP151A Datasheet HTML 136Page - STMicroelectronics STM32MP151A Datasheet HTML 137Page - STMicroelectronics STM32MP151A Datasheet HTML 138Page - STMicroelectronics STM32MP151A Datasheet HTML 139Page - STMicroelectronics STM32MP151A Datasheet HTML 140Page - STMicroelectronics STM32MP151A Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 253 page
background image
Table 23. Current consumption in LPLV-Stop mode(1)
Symbol
Parameter
Conditions
Typ(2)
Max(3)
Unit
-
MPU SS
mode
MCU SS
mode
Tj =
25 °C
Tj =
85 °C
Tj =
105 °C
Tj =
125 °C
Tj =
25 °C
Tj =
85 °C
Tj =
105 °C
Tj =
125 °C
IDD
Supply
current in
LPLV-Stop
mode
All Peripheral
disabled
CStop
CStop
980
985
985
995
1500
1560
1580
1600
µA
All Peripheral
disabled
CStandby
CStop
980
985
985
995
1500
1560
1580
1600
IDDCORE
All Peripheral
disabled
CStop
CStop
7150
39000
67500
105000
25000
122000 190000 290000
All Peripheral
disabled
CStandby
CStop
7150
39000
67500
105000
25000
122000 190000 290000
1. HSE = 24 MHz.
2. VDDCORE = 0.9 V.
3. VDDCORE = 0.95 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com