Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 188 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 188 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 184Page - STMicroelectronics STM32MP151A Datasheet HTML 185Page - STMicroelectronics STM32MP151A Datasheet HTML 186Page - STMicroelectronics STM32MP151A Datasheet HTML 187Page - STMicroelectronics STM32MP151A Datasheet HTML 188Page - STMicroelectronics STM32MP151A Datasheet HTML 189Page - STMicroelectronics STM32MP151A Datasheet HTML 190Page - STMicroelectronics STM32MP151A Datasheet HTML 191Page - STMicroelectronics STM32MP151A Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 253 page
background image
Electrical characteristics
STM32MP151A/D
188/253
DS12500 Rev 3
Figure 37. QUADSPI timing diagram - SDR mode
Figure 38. QUADSPI timing diagram - DDR mode
Table 72. QUADSPI characteristics in DDR mode
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fck1/t(CLK)
QUADSPI clock
frequency
2.7 V < VDD < 3.6 V
CL=20 pF
--
90
MHz
1.71 V < VDD < 3.6 V
CL=15 pF
--
90
tw(CLKH)
QUADSPI clock high and
low time
-t(CLK)/2 - 0.5
-
t(CLK)/2 + 0.5
ns
tw(CLKL)
-t(CLK)/2 - 0.5
-
t(CLK)/2 + 0.5
tsr(IN), tsf(IN) Data input setup time
-
0.5
-
-
thr(IN), thf(IN) Data input hold time
-
2.75
-
-
tvr(OUT),
tvf(OUT)
Data output valid time
DHHC = 0
-
1
1.5
DHHC = 1
Pres = 1, 2...
-t(CLK)/4+1
t(CLK)/4+1.5
thr(OUT),
thf(OUT)
Data output hold time
DHHC = 0
0
-
-
DHHC = 1
Pres = 1, 2...
t(CLK)/4
-
-
MSv36878V2
Data output
IO0
IO1
IO2
Clock
Data input
IO0
IO1
IO2
t(CLK)
tw(CLKH)
tw(CLKL)
tr(CLK)
tf(CLK)
ts(IN)
th(IN)
tv(OUT)
th(OUT)
MSv36879V3
Data output
IO0
IO2
IO4
Clock
Data input
IO0
IO2
IO4
t(CLK)
tw(CLKH)
tw(CLKL)
tr(CLK)
tf(CLK)
tsf(IN) thf(IN)
tvf(OUT)
thr(OUT)
IO1
IO3
IO5
IO1
IO3
IO5
tvr(OUT)
thf(OUT)
tsr(IN) thr(IN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com