Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 191 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 191 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 187Page - STMicroelectronics STM32MP151A Datasheet HTML 188Page - STMicroelectronics STM32MP151A Datasheet HTML 189Page - STMicroelectronics STM32MP151A Datasheet HTML 190Page - STMicroelectronics STM32MP151A Datasheet HTML 191Page - STMicroelectronics STM32MP151A Datasheet HTML 192Page - STMicroelectronics STM32MP151A Datasheet HTML 193Page - STMicroelectronics STM32MP151A Datasheet HTML 194Page - STMicroelectronics STM32MP151A Datasheet HTML 195Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 253 page
background image
DS12500 Rev 3
191/253
STM32MP151A/D
Electrical characteristics
232
tCAL
Offset and linearity
calibration time
-
16384
1/fADC
tOFF_CAL Offset calibration time
-
1280
tLATR
Trigger conversion latency
for regular and injected
channels without aborting
the conversion
CKMODE = 00
1.5
2
2.5
CKMODE = 01
-
-
2.5
CKMODE = 10
-
-
2.5
CKMODE = 11
-
-
2.25
tLATRINJ
Trigger conversion latency
for regular and injected
channels when a regular
conversion is aborted
CKMODE = 00
2.5
3
3.5
CKMODE = 01
-
-
3.5
CKMODE = 10
-
-
3.5
CKMODE = 11
-
-
3.25
tS
Sampling time
-
1.5
-
810.5
tCONV
Total conversion time
(including sampling time)
N-bit resolution
ts + N/2(4)
IDDA(ADC)
ADC consumption from
VDDA supply (differential)
FS = 3.6 Msps, BOOST = 1
-
1900
-
μA
FS = 1 Msps, BOOST = 0
-
460
-
IDDA(REF)
ADC consumption from
VREF+ (differential)
FS = 3.6 Msps, BOOST = 1
-
260
-
FS = 1 Msps, BOOST = 0
-
140
-
IDDA(ADC)
ADC consumption from
VDDA supply (single-ended)
FS = 3.6 Msps, BOOST = 1
-
1700
-
FS = 1 Msps, BOOST = 0
-
445
-
IDDA(REF)
ADC consumption from
VREF+ supply (single-
ended)
FS = 3.6 Msps, BOOST = 1
-
160
-
FS = 1 Msps, BOOST = 0
-
75
-
1. Guaranteed by design.
2. Voltage BOOSTER on ADC switches must be used for VDDA < 2.4 V (switches inside IO).
3. Depending on the package, VREF- can be internally connected to VSSA.
4. 9 to 818 cycles @ 14-bit mode.
Table 74. ADC characteristics(1)(2) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com