Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151A Datasheet(PDF) 192 Page - STMicroelectronics

Part # STM32MP151A
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151A Datasheet(HTML) 192 Page - STMicroelectronics

Back Button STM32MP151A Datasheet HTML 188Page - STMicroelectronics STM32MP151A Datasheet HTML 189Page - STMicroelectronics STM32MP151A Datasheet HTML 190Page - STMicroelectronics STM32MP151A Datasheet HTML 191Page - STMicroelectronics STM32MP151A Datasheet HTML 192Page - STMicroelectronics STM32MP151A Datasheet HTML 193Page - STMicroelectronics STM32MP151A Datasheet HTML 194Page - STMicroelectronics STM32MP151A Datasheet HTML 195Page - STMicroelectronics STM32MP151A Datasheet HTML 196Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 253 page
background image
Electrical characteristics
STM32MP151A/D
192/253
DS12500 Rev 3
Table 75. Minimum sampling time versus RAIN with 47 pF PCB capacitor
up to 125 °C and VDDA = 1.6 V(1)
Resolution(2)
RAIN (Ω)
Fast
channels(3) (ns)
Slow
channels(4) (ns)
16 bits
47(5)
107
166
14 bits
47
90.8
144
68
967
151
100
108
157
150
128
171
220(5)
161
192
12 bits
47
76.7
125
68
81.5
127
100
89.8
134
150
107
146
220
132
169
330
177
205
470
2.36
264
680
329
345
1000(5)
462
488
10 bits
47
62.5
103
68
66.2
106
100
72.7
112
150
85.4
121
220
106
137
330
140
168
470
187
209
680
258
279
1000
367
381
1500
537
552
2200
776
786
3300
1130
1140
4700(5)
1600
1600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com