Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S6X Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC55S6X
Description  32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S6X Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC55S6X Datasheet HTML 17Page - NXP Semiconductors LPC55S6X Datasheet HTML 18Page - NXP Semiconductors LPC55S6X Datasheet HTML 19Page - NXP Semiconductors LPC55S6X Datasheet HTML 20Page - NXP Semiconductors LPC55S6X Datasheet HTML 21Page - NXP Semiconductors LPC55S6X Datasheet HTML 22Page - NXP Semiconductors LPC55S6X Datasheet HTML 23Page - NXP Semiconductors LPC55S6X Datasheet HTML 24Page - NXP Semiconductors LPC55S6X Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 128 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.9 — 10 February 2020
21 of 128
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
PIO0_22
50
E9
78
[2][8]
ZI/O 0 PIO0_22 — General-purpose digital input/output pin.
I/O 1 FC6_TXD_SCL_MISO_WS — Flexcomm 6: USART
transmitter, I2C clock, SPI master-in/slave-out data I/O, I2S
word-select/frame.
I2 UTICK_CAP1 — Micro-tick timer capture input 1.
I3 CTIMER_INP15 — Capture input to CTIMER input
multiplexers.
O4 SCT0_OUT3 — SCTimer/PWM output 3.
5 R — Reserved.
6 R — Reserved.
I7 USB0_VBUS — Monitors the presence of USB0 bus power.
I/O 8 SD1_D[0] — SD/MMC 1 data 0.
O9 PLU_OUT7 — PLU output 7.
I/O 1
0
SEC_PIO0_22 — Secure GPIO pin.
PIO0_23/
ADC0_0
12
J1
20
[4]
ZI/O
;
AI
0 PIO0_23/ADC0_0 — General-purpose digital input/output
pin. ADC input channel 0 if the DIGIMODE bit is set to 0 and
ANAMODE is set to 1 in the IOCON register for this pin.
I/O 1 MCLK — MCLK input or output for I2S.
O2 CTIMER1_MAT2 — 32-bit CTimer1 match output 2.
O3 CTIMER3_MAT3 — 32-bit CTimer3 match output 3.
O4 SCT0_OUT4 — SCTimer/PWM output 4.
I/O 5 FC0_CTS_SDA_SSEL0 — Flexcomm 0: USART
clear-to-send, I2C data I/O, SPI Slave Select 0.
6 R — Reserved.
7 R — Reserved.
I/O 8 SD1_D[1] — SD/MMC 1 data 1.
9 R — Reserved.
I/O 1
0
SEC_PIO0_23 — Secure GPIO pin.
Table 3.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com