Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S6X Datasheet(PDF) 37 Page - NXP Semiconductors

Part # LPC55S6X
Description  32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S6X Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button LPC55S6X Datasheet HTML 33Page - NXP Semiconductors LPC55S6X Datasheet HTML 34Page - NXP Semiconductors LPC55S6X Datasheet HTML 35Page - NXP Semiconductors LPC55S6X Datasheet HTML 36Page - NXP Semiconductors LPC55S6X Datasheet HTML 37Page - NXP Semiconductors LPC55S6X Datasheet HTML 38Page - NXP Semiconductors LPC55S6X Datasheet HTML 39Page - NXP Semiconductors LPC55S6X Datasheet HTML 40Page - NXP Semiconductors LPC55S6X Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 128 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.9 — 10 February 2020
37 of 128
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
[1]
PU = input mode, pull-up enabled (pull-up resistor pulls pin up towards VDD). PD = input mode, pull-down enabled (pull-down resistor
pulls pin down towards VSS). Z = high impedance; pull-up, pull-down, and input disabled. AI = analog input. I = input. O = output. I/O =
input/output. Reset state reflects the pin state at reset without boot code operation. For termination on unused pins, see Section 6.1.1
“Termination of unused pins”.
[2]
Pad with programmable glitch filter; provides digital I/O functions with TTL levels and hysteresis; normal drive strength. Pulse width of
spikes or glitches suppressed by input filter is from 3 ns to 16 ns (simulated value).
[3]
True open-drain pin. I2C-bus pins compliant with the I2C-bus specification for I2C standard mode, I2C Fast-mode, and I2C Fast-mode
Plus. The pin requires an external pull-up to provide output functionality. When power is switched off, this pin is floating and does not
disturb the I2C lines. Open-drain configuration applies to all functions on this pin.
[4]
Pin providing standard digital I/O functions with configurable modes, configurable hysteresis, and analog input. When configured as an
analog input, the digital section of the pin is disabled.
[5]
Reset pad with glitch filter and hysteresis. Pulse width of spikes or glitches suppressed by input filter is from 3 ns to
20 ns (simulated value)
[6]
Transparent analog pad.
[7]
Optional bypass mode is supported, xtal32M_P can be driven by an external clock with restrictions in terms of drive level.
[8]
The corresponding VBUS must be connected to supply voltage when using the USB peripheral. VBUS is 5V tolerant.
[9]
Main battery supply: Star connection at application level (PCB).
[10] If the USB1_3V3 pin is not using the same supply as the VBAT_PMU pin, the application should ensure the supply on USB1_3V3 does
not drop below 2.8 V. If the USB1_3V3 pin is using separate supply and this voltage unexpectedly drops below 2.8 V, the USB PHY can
go into unknown state causing USB transactions (R/W) to hang. In this case, the application can detect this event with a time-out and
would have to recover by performing a USB reset.
VBAT_ PMU 33
M13
51
[9]
-
-
Analog supply.
VDD
8; 16;
43; 54
M1;
A5;
A9;
A13
15; 25;
44; 63;
69;75;
84; 95;
100
-
-
Single 1.8 V to 3.6 V power supply powers I/Os.
VDD_PMU
28
M9
39
-
-
Core supply. For applications with DCDC converter,
VDD_PMU and FB are tied at PCB level.
VDDA
9
G2
16
-
-
Analog supply voltage. At PCB level, has to be tied to main
supply (VBAT_PMU, VBAT_DCDC)
VREFN
-
H1
18
-
-
ADC negative reference voltage.
VREFP
10
G1
17
-
-
ADC positive reference voltage.
VSS
exposed
pad
N1; B5;
B9;
B13
exposed
pad
-
-
Ground.
VSS_DCDC
30
N12,
M12
46, 47
-
-
Star ground connection is managed to PCB ground plane.
VSS_PMU
-
M11
-
-
-
Star ground connection is managed to PCB ground plane.
VSSA
11
H2
19
-
-
Analog ground.
XTAL32K_N
35
J12
53
-
-
RTC oscillator output.
XTAL32K_P
34
J13
52
-
-
RTC oscillator input.
XTAL32M_N 19
M3
28
[7]
-
-
Main oscillator output.
XTAL32M_P 20
N3
29
[7]
-
-
Main oscillator input.
Table 3.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com