Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S6X Datasheet(PDF) 71 Page - NXP Semiconductors

Part # LPC55S6X
Description  32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S6X Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button LPC55S6X Datasheet HTML 67Page - NXP Semiconductors LPC55S6X Datasheet HTML 68Page - NXP Semiconductors LPC55S6X Datasheet HTML 69Page - NXP Semiconductors LPC55S6X Datasheet HTML 70Page - NXP Semiconductors LPC55S6X Datasheet HTML 71Page - NXP Semiconductors LPC55S6X Datasheet HTML 72Page - NXP Semiconductors LPC55S6X Datasheet HTML 73Page - NXP Semiconductors LPC55S6X Datasheet HTML 74Page - NXP Semiconductors LPC55S6X Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 128 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.9 — 10 February 2020
71 of 128
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
9. Thermal characteristics
The average chip junction temperature, Tj (C), can be calculated using the following
equation:
(1)
• Tamb = ambient temperature (C),
• Rth(j-a) = the package junction-to-ambient thermal resistance (C/W)
• PD = sum of internal and I/O power dissipation
The internal power dissipation is the product of IDD and VDD. The I/O power dissipation of
the I/O pins is often small and many times can be negligible. However it can be significant
in some applications.
[1]
Determined in accordance to JEDEC JESD51-2A natural convection environment. Thermal resistance data in this report is solely for a
thermal performance comparison of one package to another in a standardized specified environment. It is not meant to predict the
performance of a package in an application-specific environment
[2]
Thermal test board meets JEDEC specification for this package (JESD51-9).
[3]
Junction-to-Case thermal resistance determined using an isothermal cold plate. Case is defined as the bottom of the packages
(exposed pad)
Tj
Tamb
PD Rth j a
–


+
=
Table 12.
Thermal resistance
Symbol
Parameter
Conditions
Max/Min
Unit
HLQFP100 Package
Rth(j-a)
thermal resistance from junction to
ambient [1]
JESD51-9, 2s2p[2]
27
C/W
Rth(j-c)
thermal resistance from junction to
case [3]
JESD51-9[2]
2.0
C/W
VFBGA98 Package
Rth(j-a)
thermal resistance from junction to
ambient [1]
JESD51-9, 2s2p[2]
56
C/W
Rth(j-c)
Junction-to-Top of Package Thermal
Characterization Parameter [3]
JESD51-9[2]
0.7
C/W
HTQFP 64 Package
Rth(j-a)
thermal resistance from junction to
ambient [1]
JESD51-9, 2s2p[2]
28
C/W
Rth(j-c)
thermal resistance from junction to
case [3]
JESD51-9[2]
0.3
C/W
Table 13.
Maximum Junction Temperature
Symbol
Parameter
Conditions
Max
Unit
Tjmax
maximum junction temperature
+ 107
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com