Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S6X Datasheet(PDF) 58 Page - NXP Semiconductors

Part # LPC55S6X
Description  32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S6X Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button LPC55S6X Datasheet HTML 54Page - NXP Semiconductors LPC55S6X Datasheet HTML 55Page - NXP Semiconductors LPC55S6X Datasheet HTML 56Page - NXP Semiconductors LPC55S6X Datasheet HTML 57Page - NXP Semiconductors LPC55S6X Datasheet HTML 58Page - NXP Semiconductors LPC55S6X Datasheet HTML 59Page - NXP Semiconductors LPC55S6X Datasheet HTML 60Page - NXP Semiconductors LPC55S6X Datasheet HTML 61Page - NXP Semiconductors LPC55S6X Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 128 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.9 — 10 February 2020
58 of 128
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
• Sampling frequencies supported depends on the specific device configuration and
applications constraints (For example, system clock frequency and PLL availability)
but generally supports standard audio data rates.
7.26.4 High-speed SPI serial I/O controller
7.26.4.1 Features
• Master and slave operation.
• The maximum supported bit rate for SPI master mode (transmit/receive) and slave
mode (transmit/receive) is 50 Mbit/s.
• Data frames of 4 to 16 bits supported directly. Larger frames supported by software.
• The SPI function supports separate transmit and receive FIFOs with eight entries
each.
• Supports DMA transfers: SPIn transmit and receive functions can operated with the
system DMA controller.
• Data can be transmitted to a slave without the need to read incoming data. This can
be useful while setting up an SPI memory.
• Up to Four Slave Select input/outputs with selectable polarity and flexible usage.
7.27 SDIO/MMC interface
Secured digital input/output (SD/MMC and SDIO) card interface with DMA support. SDIO
with support for up to two cards. Supported card types are MMC, SDIO, and CE-ATA.
Supports SD2.0, and SDR25 (52MHz).
7.27.1 Features
• Secure Digital memory protocol commands.
• Secure Digital I/O protocol commands.
• Multimedia Card protocol commands.
• CE-ATA digital protocol commands.
• Two SD or MMC (4.4), CE-ATA (1.1), or eMMC (4.4) device.
• CRC 2.0 generation and error detection.
• SDIO interrupts in 1-bit and 4-bit modes.
• Block size of 1 to 65,535 bytes.
• Internal (bus mastering) DMA.
• Two FIFOs, TX and RX FIFO (FIFO depth = 32 and FIFO data width = 32 bits).
7.28 Standard counter/timers (CT32B0 to 4)
The LPC55S6x includes five general-purpose 32-bit timer/counters.
The timer/counter is designed to count cycles of the system derived clock or an
externally-supplied clock. It can optionally generate interrupts, generate timed DMA
requests, or perform other actions at specified timer values, based on four match
registers. Each timer/counter also includes two capture inputs to trap the timer value when
an input signal transitions, optionally generating an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com