Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S6X Datasheet(PDF) 47 Page - NXP Semiconductors

Part # LPC55S6X
Description  32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S6X Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button LPC55S6X Datasheet HTML 43Page - NXP Semiconductors LPC55S6X Datasheet HTML 44Page - NXP Semiconductors LPC55S6X Datasheet HTML 45Page - NXP Semiconductors LPC55S6X Datasheet HTML 46Page - NXP Semiconductors LPC55S6X Datasheet HTML 47Page - NXP Semiconductors LPC55S6X Datasheet HTML 48Page - NXP Semiconductors LPC55S6X Datasheet HTML 49Page - NXP Semiconductors LPC55S6X Datasheet HTML 50Page - NXP Semiconductors LPC55S6X Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 128 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.9 — 10 February 2020
47 of 128
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
7.21 RAM configuration
Table 9 describes the RAM configuration for the LPC55S6x.
7.22 System control
7.22.1 Clock sources
The LPC55S6x supports 2 external and 3 internal clock sources:
• Internal Free Running Oscillator (FRO). This oscillator provides a selectable 96 MHz
output, and a 12 MHz output (divided down from the selected higher frequency) that
can be used as a system clock. The FRO is trimmed to +/- 2% accuracy over the
entire voltage and temperature range. The FRO 12 MHz oscillator provides the
default clock at reset and provides a clean system clock shortly after the supply pins
reach operating voltage.
• 32 kHz Internal Free Running Oscillator FRO. The FRO is trimmed to +/- 2% accuracy
over the entire voltage and temperature range.
Internal low power oscillator (FRO 1 MHz). The FRO is trimmed to +/- 15% accuracy
over the entire voltage and temperature range.
• Crystal oscillator with an operating frequency of 1 MHz to 32 MHz. Option for external
clock input (bypass mode) for clock frequencies of up to 24 MHz
• Crystal oscillator with 32.768 KHz operating frequency. Option for external clock input
(bypass mode) for clock frequencies of up to 100 kHz
• Each crystal oscillator has one embedded capacitor bank which can be used as an
integrated load capacitor. Using APIs, the capacitor banks on each crystal pin can
tune the frequency for crystals with a Capacitive Load (CL) which conserves board
space and reduces costs.
7.22.2 PLL (PLL0 and PLL1)
PLL0 and PLL1 allows CPU operation up to the maximum CPU rate without the need for a
high-frequency external clock. PLL0 and PLL1 can run from the internal FRO 12 MHz
output, the external oscillator, internal FRO 1 MHz output, or the 32.768 KHz RTC
oscillator.
The system PLL accepts an input clock frequency in the range of 2 kHz - 150 MHz. The
input frequency is multiplied up to a high frequency with a Current Controlled Oscillator
(CCO). The PLL can be enabled or disabled by software.
Table 9.
RAM Configuration
RAM Total
RAM-X (KB)
RAM0 (KB)
RAM1 (KB)
RAM2 (KB)
RAM3 (KB)
RAM4 (KB)
USB-RAM (KB)
320 KB
devices
32
64
64
64
64
16
16
256 KB
devices
32
64
64
64
-
16
16
144 KB
devices
32
64
32
-
-
-
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com