Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S6X Datasheet(PDF) 77 Page - NXP Semiconductors

Part # LPC55S6X
Description  32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S6X Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button LPC55S6X Datasheet HTML 73Page - NXP Semiconductors LPC55S6X Datasheet HTML 74Page - NXP Semiconductors LPC55S6X Datasheet HTML 75Page - NXP Semiconductors LPC55S6X Datasheet HTML 76Page - NXP Semiconductors LPC55S6X Datasheet HTML 77Page - NXP Semiconductors LPC55S6X Datasheet HTML 78Page - NXP Semiconductors LPC55S6X Datasheet HTML 79Page - NXP Semiconductors LPC55S6X Datasheet HTML 80Page - NXP Semiconductors LPC55S6X Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 128 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.9 — 10 February 2020
77 of 128
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
10.3.1 Peripheral Power Consumption
Table 21 shows the typical peripheral power consumption measured on a typical sample
at Tamb = 25 °C and VBAT_PMU = VBAT_DCDC = VDD = 3.3 V. The supply current per
peripheral is measured as the difference in supply current between the peripheral block
enabled and the peripheral block disabled using AHB clock control and PDRUNCFG
registers. All other blocks are disabled and no code accessing the peripheral is executed.
The supply currents are shown for system clock frequencies of 12 MHz, and
96 MHz.
Conditions: all oscillators and analog blocks disabled; all SRAM disabled except 4KB SRAM
powered. Flash powered down.
Fig 9.
Power-down mode: Typical supply current IDD versus temperature for different
supply voltages VBAT_DCDC
RTC input grounded. 4KB SRAM powered.
Fig 10. Deep power-down mode: Typical supply current IDD versus temperature for
different supply voltages VBAT_DCDC
aaa-034081
-40
-10
20
50
80
110
0
14
28
42
56
70
temperature (°C)
current
current
current
(uA)
(uA)
(uA)
aaa-034229
-40
-10
20
50
80
110
0
3
6
9
12
15
temperature (°C)
current
current
current
(μA)
(μA)
(μA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com