Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S6X Datasheet(PDF) 100 Page - NXP Semiconductors

Part # LPC55S6X
Description  32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S6X Datasheet(HTML) 100 Page - NXP Semiconductors

Back Button LPC55S6X Datasheet HTML 96Page - NXP Semiconductors LPC55S6X Datasheet HTML 97Page - NXP Semiconductors LPC55S6X Datasheet HTML 98Page - NXP Semiconductors LPC55S6X Datasheet HTML 99Page - NXP Semiconductors LPC55S6X Datasheet HTML 100Page - NXP Semiconductors LPC55S6X Datasheet HTML 101Page - NXP Semiconductors LPC55S6X Datasheet HTML 102Page - NXP Semiconductors LPC55S6X Datasheet HTML 103Page - NXP Semiconductors LPC55S6X Datasheet HTML 104Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 128 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.9 — 10 February 2020
100 of 128
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
[1]
Characterized on typical samples, not tested in production
; Tamb = 25
°C
[2]
On device revision 0A, the hysteresis on the comparator cannot be enabled
tdelay
propagation delay time
Low Power Mode
negative input =
VBAT_DCDC/2
V_overdrive = 10 mV
-
1150
6000
ns
V_overdrive = 50 mV
-
3100
-
ns
V_overdrive = max
-
900
3000
ns
propagation delay time
Low Power Mode
negative input =
VBAT_DCDC - 0.1 V
V_overdrive = 10 mV
-
6000
-
ns
V_overdrive = 50 mV
-
6000
-
ns
V_overdrive = max
-
4400
-
ns
propagation delay time
Low Power Mode
negative input = 0.1 V
V_overdrive = 10 mV
-
2400
-
ns
V_overdrive = 50 mV
-
2300
-
ns
V_overdrive = max
-
50
2000
ns
propagation delay time
Fast Mode
negative input =
VBAT_DCDC/2
V_overdrive = 10 mV
-
800
2000
ns
V_overdrive = 50 mV
-
520
-
ns
V_overdrive = max
-
210
300
ns
propagation delay time
Fast Mode
negative input =
VBAT_DCDC - 0.1 V
V_overdrive = 10 mV
-
1600
-
ns
V_overdrive = 50 mV
-
1150
-
ns
V_overdrive = max
-
790
-
ns
propagation delay time
Fast Mode
negative input = 0.1 V
V_overdrive = 10 mV
-
1400
-
ns
V_overdrive = 50 mV
-
405
-
ns
V_overdrive = max
-
40
100
ns
Vhys [2]
hysteresis voltage
(VHYST_P - VHSYT_N)
Common Mode Input Voltages in [200
mV: Vbat - 200mV] range (See Vin_N
in Figure 22)
-
100
200
mV
Rlad
ladder resistance
Resistive ladder, Divider ratio
programmed with 5-bit control word.
Entry point is either PIO1_19 or internal
VBAT_PMU
-1.27
-
M
Fig 22. Comparator Hysteresis
Table 40.
Comparator characteristics …continued
Tamb = 40 C to +105 C unless noted otherwise; VBAT_PMU = 1.8 V to 3.6 V.
Symbol
Parameter
Conditions
Min Typ[1] Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com