Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S6X Datasheet(PDF) 101 Page - NXP Semiconductors

Part # LPC55S6X
Description  32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S6X Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button LPC55S6X Datasheet HTML 97Page - NXP Semiconductors LPC55S6X Datasheet HTML 98Page - NXP Semiconductors LPC55S6X Datasheet HTML 99Page - NXP Semiconductors LPC55S6X Datasheet HTML 100Page - NXP Semiconductors LPC55S6X Datasheet HTML 101Page - NXP Semiconductors LPC55S6X Datasheet HTML 102Page - NXP Semiconductors LPC55S6X Datasheet HTML 103Page - NXP Semiconductors LPC55S6X Datasheet HTML 104Page - NXP Semiconductors LPC55S6X Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 128 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.9 — 10 February 2020
101 of 128
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
13. Application information
13.1 I/O power consumption
I/O pins are contributing to the overall dynamic and static power consumption of the part.
If pins are configured as digital inputs, a static current can flow depending on the voltage
level at the pin and the setting of the internal pull-up and pull-down resistors. This current
can be calculated using the parameters Rpu and Rpd given in Table 22 for a given input
voltage VI. For pins set to output, the current drive strength is given by parameters IOH and
IOL in Table 22, but for calculating the total static current, you also need to consider any
external loads connected to the pin.
I/O pins also contribute to the dynamic power consumption when the pins are switching
because the VDD supply provides the current to charge and discharge all internal and
external capacitive loads connected to the pin in addition to powering the I/O circuitry.
The contribution from the I/O switching current Isw can be calculated as follows for any
given switching frequency fsw if the external capacitive load (Cext) is known (see Table 22
for the internal I/O capacitance):
Isw = VDD x fsw x (Cio + Cext)
13.2 Crystal oscillator
In the crystal oscillator circuit, only the crystal (XTAL) and the capacitances CX1 and CX2
need to be connected externally on XTAL32M_P and XTAL32M_N pins. See Figure 23.
In bypass mode, an external clock (maximum frequency of up to 24 MHz) can also be
connected to XTAL32M_P if XTAL32M_N is left open. External [0 – VH] square signal can
be applied on the XTAL32M_P pin from 0 V to 850 mV.
For best results, it is very critical to select a matching crystal for the on-chip oscillator.
Load capacitance (CL), series resistance (RS), and drive level (DL) are important
parameters to consider while choosing the crystal. After selecting the proper crystal, the
external load capacitor CX1 and CX2 values can also be generally determined by the
following expression:
Fig 23. Crystal oscillator components
aaa-018147-x
LPC
XTAL32M_P
XTAL32M_N
CX2
CX1
XTAL
=
CL
CP
RS
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com